Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYW43340 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW43340 Datasheet HTML 1Page - Cypress Semiconductor CYW43340 Datasheet HTML 2Page - Cypress Semiconductor CYW43340 Datasheet HTML 3Page - Cypress Semiconductor CYW43340 Datasheet HTML 4Page - Cypress Semiconductor CYW43340 Datasheet HTML 5Page - Cypress Semiconductor CYW43340 Datasheet HTML 6Page - Cypress Semiconductor CYW43340 Datasheet HTML 7Page - Cypress Semiconductor CYW43340 Datasheet HTML 8Page - Cypress Semiconductor CYW43340 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 2 of 96
PRELIMINARY
CYW43340
Bluetooth Key Features
■ Complies with Bluetooth Core Specification Version 4.0 with
provisions for supporting future specifications.
■ Bluetooth Class 1 or Class 2 transmitter operation
■ Supports extended Synchronous Connections (eSCO), for
enhanced voice quality by allowing for retransmission of
dropped packets.
■ Adaptive Frequency Hopping (AFH) for reducing radio
frequency interference
■ Interface support: Host Controller Interface (HCI) using a high-
speed UART interface and PCM for audio data
■ Low power consumption improves battery life of handheld
devices.
■ Supports multiple simultaneous Advanced Audio Distribution
Profiles (A2DP) for stereo sound.
■ Automatic frequency detection for standard crystal and TCXO
values
General Features
■ Supports battery voltage range from 2.9V to 4.8V supplies with
internal switching regulator.
■ Programmable dynamic power management
■ 3072-bit OTP for storing board parameters
■ Routable on low–cost 1x1 PCB stack–ups
■ 141-ball WLBGA package(5.67 mm × 4.47 mm, 0.4 mm pitch)
■ Security:
❐ WPA™ and WPA2™ (Personal) support for powerful encryp-
tion and authentication
❐ AES in WLAN hardware for faster data encryption and IEEE
802.11i compatibility
❐ Reference WLAN subsystem provides Cisco® Compatible
Extensions (CCX, CCX 2.0, CCX 3.0, CCX 4.0, CCX 5.0)
❐ Reference WLAN subsystem provides Wi–Fi Protected Set-
up (WPS)
■ Worldwide regulatory support: Global products supported with
worldwide homologated design
Figure 1. Functional Block Diagram
IoT Resources
Cypress provides a wealth of data at http://www.cypress.com/internet-things-iot to help you to select the right IoT device for your
design, and quickly and effectively integrate the device into your design. Cypress provides customer access to a wide range of
information, including technical documentation, schematic diagrams, product bill of materials, PCB layout information, and software
updates. Customers can acquire technical documentation and software from the Cypress Support Community website
(http://community.cypress.com/).
VIO
VBAT
CYW43340
WLAN 
Host I/F
Bluetooth
Host I/F
WL_REG_ON
SDIO*
WL_IRQ
BT_REG_ON
UART
BT_DEV_WAKE
BT_HOST_WAKE
CLK_REQ
HSIC
PCM/I
2S
2.4 GHz WLAN + Bluetooth Tx/Rx
CBF
FEM or
T/R 
Switch
5 GHz WLAN Tx
5 GHz WLAN Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com