Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145162 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145162 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.lansdale.com
Page 4 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
SWITCHING CHARACTERISTICS (TA = 25°C, CL = 50 pF)
Figure
Guaranteed Limit
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH
Output Rise Time
1
2.5
5.5
—
—
200
100
ns
tTHL
Output Fall Time
1
2.5
5.5
—
—
200
100
ns
tr, tf
Input Rise and Fall Time
OSCin
2
2.5
5.5
—
—
5.0
4.0
µ
s
tw
Input Pulse Width
CLK and ENB
3
2.5
5.5
80
60
—
—
ns
fmax
Input Frequency
OSCin
Input = Sine Wave @ ≥ 200 mV p–p
fin–R, fin–T
2.5 – 5.5
2.5 – 5.5
—
—
16
60
MHz
tst
Minimum Start–Up Time
10
ms
tsu
Setup Time
DATA to CLK
ENB to CLK
5
2.5
5.5
100
200
—
—
ns
th
Hold Time
CLK to DATA
5
3.0
5.0
80
40
—
—
ns
trec
Recovery Time
ENB to CLK
5
3.0
5.0
80
40
—
—
ns
tsu1
Setup Time
ENB to CLK
4
2.5 – 5.5
80
—
ns
th1
Hold Time
CLK to ENB
4
2.5 – 5.5
600
—
ns
f
Phase Detector Frequency
dc
12.5
kHz
fMCUCLK Output Clock Frequency
MCUCLK
(OSCin 3)
dc
5.33
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com