Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145162 Datasheet(PDF) 13 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 13 Page - LANSDALE Semiconductor Inc.

Back Button ML145162 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.lansdale.com
Page 13 of 24
Issue 0
Figure 17. TxPS/fTx and RxPS/fRx Outputs to Control Power Switches
of the Transmitter and the Receiver
Q
Q
POWER SWITCH FOR TRANSMITTER
VDD
UNIVERSAL DUAL PLL
RxPS/fRx
TxPS/fTx
POWER SUPPLY
Tx
POWER
AMP
Tx DIVIDER CHAIN COUNTER, PHASE DETECTOR
Tx POWER–DOWN
ENABLE FLAG
Rx DIVIDER CHAIN COUNTER, PHASE DETECTOR
Rx POWER–DOWN
ENABLE FLAG
VDD
TO CONTROL THE RECEIVER
POWER SWITCH
POWER SAVING OPERATION
This PLL has a programmable power–saving scheme. The
transmit and receive counters and the reference frequency
counter can be powered down individually by setting the TxPD
enable, RxPD enable, and Ref PD enable bits of the control
register. The functions of the power down control bits are
explained in Table 2 and the programming format is in Figure 8.
The output pins TxPS/fTx and RxPS/fRx output the status of
the internal power saving setting. If the bit TxPD enable is set
“high” (transmit counter is set to power–down mode), then the
TxPS/fTx pin will also output a “high” state. This TxPS/fTx
out-put can control an external power switch to switch off the
transmitter, as shown in Figure 17. This scheme can be applied
to the RxPS/fRx output to control the receiver power saving
operation as required.
LANSDALE Semiconductor, Inc.
ML145162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com