Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145162 Datasheet(PDF) 21 Page - LANSDALE Semiconductor Inc.

Part # ML145162
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162 Datasheet(HTML) 21 Page - LANSDALE Semiconductor Inc.

Back Button ML145162 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 22Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 23Page - LANSDALE Semiconductor Inc. ML145162 Datasheet HTML 24Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.lansdale.com
Page 21 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
Table 17. U.S.A. (25 Channels) CT–1 Base Set Frequency
Channel
Number
Tx Channel
Frequency
(MHz)
Tx Counter Value
(Ref. Freq. =
5.00 kHz)
fin–R Input
Frequency (MHz)
[1st IF = 10.7 MHz]
Rx Counter Value
(Ref. Freq. =
5.00 kHz)
1
43.72
8744
38.06
7612
2
43.74
8748
38.14
7628
3
43.82
8764
38.16
7632
4
43.84
8768
38.22
7644
5
43.92
8784
38.32
7664
6
43.96
8788
38.38
7676
7
44.12
8824
38.40
7680
8
44.16
8832
38.46
7692
9
44.18
8836
38.50
7700
10
44.20
8840
38.54
7708
11
44.32
8864
38.58
7716
12
44.36
8872
38.66
7732
13
44.40
8880
38.70
7740
14
44.46
8892
38.76
7752
15
44.48
8896
38.80
7760
16
46.61
9322
38.97
7794
17
46.63
9326
39.145
7829
18
46.67
9334
39.16
7832
19
46.71
9342
39.07
7814
20
46.73
9346
39.175
7835
21
46.77
9354
39.13
7826
22
46.83
9366
39.19
7838
23
46.87
9374
39.23
7846
24
46.93
9386
39.29
7858
25
46.97
9394
39.27
7854



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com