Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT03N06 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MCT03N06
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCT03N06 Datasheet(HTML) 2 Page - Micro Commercial Components

  MCT03N06 Datasheet HTML 1Page - Micro Commercial Components MCT03N06 Datasheet HTML 2Page - Micro Commercial Components MCT03N06 Datasheet HTML 3Page - Micro Commercial Components MCT03N06 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision:
A
20
17/09/23
www.mccsemi.com
2 of 4
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC CHARACTERISTICS
Drain-source breakdown voltage
V (BR)DSS
VGS = 0V, ID =250µA
60
V
Zero gate voltage drain current
IDSS
VDS =60V,VGS = 0V
1
µA
Gate-body leakage current
IGSS
nA
±100
Gate threshold voltage (note 3)
GS(t
V
h)
VDS =VGS, ID =250µA
0.5
2
V
VGS =10V, ID =3A
105
10
mΩ
Drain-source on-resistance (note 3)
D
R S(on)
VGS =4.5V, ID =3A
125
12
mΩ
Forward tranconductance (note 3)
FS
g
VDS =15V, ID =2A
1.4
S
Diode forward voltage (note 3)
SD
V
S
I =3A, VGS = 0V
1.2
V
DYNAMIC CHARACTERISTICS (note 4)
Input Capacitance
Ciss
247
pF
Output Capacitance
Coss
34
pF
Reverse Transfer Capacitance
Crss
VDS =30V,VGS =0V,f =1MHz
19.5
pF
SWITCHING CHARACTERISTICS (note 4)
Turn-on delay time
td(on)
6
ns
Turn-on rise time
tr
15
ns
Turn-off delay time
td(off)
15
ns
Turn-off fall time
tf
VGS=10V,VDD=30V,
ID=1.5A,RGEN=1Ω
10
ns
Total Gate Charge
Qg
6
nC
Gate-Source Charge
Qgs
1
nC
Gate-Drain Charge
Qgd
VDS =30V,VGS =4.5V,ID =3A
1.3
nC
Notes :
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on FR4 board , t≤10s.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
4. Guaranteed by design, not subject to producting.
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com