Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT03N06 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MCT03N06
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCT03N06 Datasheet(HTML) 3 Page - Micro Commercial Components

  MCT03N06 Datasheet HTML 1Page - Micro Commercial Components MCT03N06 Datasheet HTML 2Page - Micro Commercial Components MCT03N06 Datasheet HTML 3Page - Micro Commercial Components MCT03N06 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Revision:
A
20
17
/09/23
www.mccsemi.com
3 of 4
0
5
0
5
10
15
0
10
0
100
200
300
400
0
4
0
2
4
6
8
0.2
0.4
0.6
0.8
1.0
1.2
1E-3
0.01
0.1
1
10
25
125
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2
8
10
20
40
60
80
100
120
140
V
GS=5V
、
4V、3.0V
V
GS=2.5V
1
23
4
DRAIN TO SOURCE VOLTAGE V
DS
(V)
Pulsed
V
GS=2.0V
2
46
8
GATE TO SOURCE VOLTAGE V
GS
(V)
I
D=3A
T
a=25
℃
Pulsed
——
V
GS
R
DS(ON)
12
3
GATE TO SOURCE VOLTAGE V
GS
(V)
V
DS=5.0V
Pulsed
T
a=100
℃
T
a=25
℃
Transfer Characteristics
SOURCE TO DRAIN VOLTAGE
VOLTA
SD
(V)
T
a=25
℃
Pulsed
V
SD
I
S
——
Output Characteristics
50
75
100
JUNCTION TEMPERATURE T
J
(℃)
I
D=250uA
Threshold Voltage
VGS=10V
4
6
DRAIN CURRENT I
D
(A)
——
I
D
R
DS(ON)
T
a=25
℃
Pulsed
VGS=4.5V
0.5
Micro Commercial Components
M C C
R
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com