Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT03N06 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MCT03N06
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MCT03N06 Datasheet(HTML) 1 Page - Micro Commercial Components

  MCT03N06 Datasheet HTML 1Page - Micro Commercial Components MCT03N06 Datasheet HTML 2Page - Micro Commercial Components MCT03N06 Datasheet HTML 3Page - Micro Commercial Components MCT03N06 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCT03N06
N-Channel
Enhancement Mode
Field Effect Transistor
Features
•
High power and current handing capability
•
Surface mount package
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Parameter
Rating
Unit
VDS
Drain-source Voltage
60
V
ID
Continuous Drain Current
3.0
A
IDM
Pulsed Drain Current(note1)
1
0
A
VGS
Gate-source Voltage
±20
V
PD
Total Power Dissipation
1.2
W
RθJA
Thermal Resistance Junction to Ambient
104
℃/W
TJ
Operating Junction Temperature
-55 to +150
℃
TSTG
Storage Temperature
-55 to +150
℃
Internal Block Diagram
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
A
20
17/09/23
www.mccsemi.com
1 of 4
SOT-
223
Halogen free available upon request by adding suffix "-HF"
•
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Micro Commercial Components
M C C
R
1
2
3
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.248
.264
6.30
6.70
B
.130
.146
3.30
3.70
C
.264
.287
6.70
7.30
D
.001
.004
0.02
0.10
E
.114
.122
2.90
3.10
F
.091
2.30
G
---
.071
---
1.80
H
.009
.014
0.23
0.35
J
.030
---
0.75
---
4
1.GATE
2.DRAIN
3.SOURCE
4.DRAIN


Similar Part No. - MCT03N06

ManufacturerPart #DatasheetDescription
logo
Midas Components
MCT035AB0W320240LML MIDASDISPLAYS-MCT035AB0W320240LML Datasheet
1Mb / 12P
TFT Module
Version: 1 18/03/2016
MCT035G12W320240LML MIDASDISPLAYS-MCT035G12W320240LML Datasheet
1Mb / 13P
TFT Module
Version: 2 21/01/2016
MCT035M6S320480PMLC MIDASDISPLAYS-MCT035M6S320480PMLC Datasheet
3Mb / 16P
MCT035M6S320480LML
MCT035N6TW320240LMLC MIDASDISPLAYS-MCT035N6TW320240LMLC Datasheet
663Kb / 22P
Modify Structural Chart
14-04-2011
MCT039C12CW480128LML MIDASDISPLAYS-MCT039C12CW480128LML Datasheet
1Mb / 7P
TFT Module
Version: 2 13/10/2021
More results

Similar Description - MCT03N06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com