Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C603 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB39C603
Description  Phase Dimmable PSR LED Driver IC for LED Lighting
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C603 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB39C603 Datasheet HTML 9Page - Cypress Semiconductor MB39C603 Datasheet HTML 10Page - Cypress Semiconductor MB39C603 Datasheet HTML 11Page - Cypress Semiconductor MB39C603 Datasheet HTML 12Page - Cypress Semiconductor MB39C603 Datasheet HTML 13Page - Cypress Semiconductor MB39C603 Datasheet HTML 14Page - Cypress Semiconductor MB39C603 Datasheet HTML 15Page - Cypress Semiconductor MB39C603 Datasheet HTML 16Page - Cypress Semiconductor MB39C603 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Document Number: 002-08450 Rev. *B
Page 13 of 30
MB39C603
8.5
Power-On Sequence
When the AC line voltage is supplied, VBULK is powered from the AC line through a diode bridge, and the VDD pin is charged from
VBULK through an external source-follower BiasMOS.(Figure 8-4 red path)
When the VDD pin is charged up and the voltage on the VDD pin (VVDD) rises above the UVLO threshold voltage, an internal Bias
circuit starts operating, and MB39C603 starts the conduction angle detection (refer to 8.3). After the UVLO is released, this device
enables switching and is operating in a forced switching mode (TON = 1.5 µs, TOFF = 78 µs to 320 µs). When the voltage on the TZE
pin reaches the Zero energy threshold voltage (VTZETH = 0.7V), MB39C603 enters normal operation mode. After the switching
begins, the VDD pin is also charged from Auxiliary Winding through an external diode (DBIAS).(Figure 8-4 blue path)
During non-conduction period VVDD is not supplied from VBULK or Auxiliary Winding. It is necessary to set an appropriate capacitor
of the VDD pin in order to keep VVDD above the UVLO threshold voltage in this period. An external diode (D1) between BiasMOS
and the VDD pin is used to prevent discharge from the VDD pin to VBULK at zero cross points of the AC line voltage.
Figure 8-4 VDD Supply Path at Power-On
UVLO
VDD
DRV
CS
GND
Internal Bias
Generator
Driver
VBULK
Rst
Zbias
Bias
MOS
PWM
Control
Logic
To TZE
DBIAS
D1
13
11
12
2
Phase
Dimmer
Figure 8-5 Power-On Waveform
VBULK
DRV
VDD
VLED
TZE
VTZETH = 0.7V
Force switching (ton=1.5us / toff=78us~320us)
Switching start
UVLO Vth = 10.2V
Normal switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com