Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C603 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB39C603
Description  Phase Dimmable PSR LED Driver IC for LED Lighting
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C603 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB39C603 Datasheet HTML 19Page - Cypress Semiconductor MB39C603 Datasheet HTML 20Page - Cypress Semiconductor MB39C603 Datasheet HTML 21Page - Cypress Semiconductor MB39C603 Datasheet HTML 22Page - Cypress Semiconductor MB39C603 Datasheet HTML 23Page - Cypress Semiconductor MB39C603 Datasheet HTML 24Page - Cypress Semiconductor MB39C603 Datasheet HTML 25Page - Cypress Semiconductor MB39C603 Datasheet HTML 26Page - Cypress Semiconductor MB39C603 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Document Number: 002-08450 Rev. *B
Page 23 of 30
MB39C603
Figure 10-3 17W Japan Dimmer Performance Data
Dimming Curve
Dimming Curve
VIN=100VRMS / 50Hz
VIN=100VRMS / 60Hz
LED: 470mA, 37V
LED: 470mA, 37V
Table 10-2 17W Japan Dimmer Performance Data
Dimmer
Input
Condition
Type
Minimum
Angle (°)
Minimum
IOUT (mA)
Maximu
m Angle
(°)
Maximu
m IOUT
(mA)
Vendor
Parts Name
LUTRON
DVCL-123P-JA
VIN=100VRMS
50Hz
(Japan Dimmer)
Leading Edge
31.9
19.2
141.8
468.4
Panasonic
WTC57521
38.0
19.2
145.6
467.6
WN575280K
27.7
19.8
147.2
467.0
NQ20203T
31.0
19.4
146.7
466.9
DAIKO
DP-37154
32.4
19.1
142.9
466.9
Mitsubishi
DEM1003B
28.3
19.7
147.8
466.9
TOSHIBA
DG9022H
46.4
19.4
151.9
467.2
DG9048N
34.0
19.2
155.3
466.6
WDG9001
Trailing Edge
30.4
18.8
145.4
468.4
LUTRON
DVCL-123P-JA
VIN=100VRMS
60Hz
(Japan Dimmer)
Leading Edge
22.7
19.1
138.5
468.7
Panasonic
WTC57521
38.9
19.1
146.7
468.4
WN575280K
27.4
19.6
146.2
466.8
NQ20203T
27.6
19.6
144.3
467.3
DAIKO
DP-37154
33.0
19.1
144.3
467.0
Mitsubishi
DEM1003B
25.9
19.9
145.2
467.2
TOSHIBA
DG9022H
22.0
18.8
150.8
467.0
DG9048N
22.7
19.6
153.6
466.5
WDG9001
Trailing Edge
35.9
18.7
150.1
468.3
0
100
200
300
400
500
0
45
90
135
180
Conduction Angle [
°]
Leading Edge
Trailing Edge
0
100
200
300
400
500
0
45
90
135
180
Conduction Angle [
°]
Leading Edge
Trailing Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com