Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C603 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39C603
Description  Phase Dimmable PSR LED Driver IC for LED Lighting
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C603 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39C603 Datasheet HTML 17Page - Cypress Semiconductor MB39C603 Datasheet HTML 18Page - Cypress Semiconductor MB39C603 Datasheet HTML 19Page - Cypress Semiconductor MB39C603 Datasheet HTML 20Page - Cypress Semiconductor MB39C603 Datasheet HTML 21Page - Cypress Semiconductor MB39C603 Datasheet HTML 22Page - Cypress Semiconductor MB39C603 Datasheet HTML 23Page - Cypress Semiconductor MB39C603 Datasheet HTML 24Page - Cypress Semiconductor MB39C603 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Document Number: 002-08450 Rev. *B
Page 21 of 30
MB39C603
Figure 10-2 17W Reference Data
Efficiency
Power Factor
LED: 470mA, 37V
(without Dimmer)
LED: 470mA, 37V
(without Dimmer)
Line Regulation
Load Regulation
(without Dimmer)
(without Dimmer)
60%
65%
70%
75%
80%
85%
90%
95%
100%
80
90
100
110
120
130
140
150
VIN [V
RMS]
50Hz
60Hz
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
80
90
100
110
120
130
140
150
VIN [V
RMS]
50Hz
60Hz
420
440
460
480
500
520
80
90
100
110
120
130
140
150
VIN [V
RMS]
50Hz
60Hz
420
440
460
480
500
520
30
35
40
45
VOUT [V]
100V/50Hz
100V/60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com