Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3853 Datasheet(PDF) 3 Page - Lumberg

Part # 3853
Description  Multimodul connectors, pitch 2.5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

3853 Datasheet(HTML) 3 Page - Lumberg

  3853_18 Datasheet HTML 1Page - Lumberg 3853_18 Datasheet HTML 2Page - Lumberg 3853_18 Datasheet HTML 3Page - Lumberg 3853_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
38 3853
01/2018
3
*a
color keying strip
*b
keying groove; 2 and 3 pole versions with additional options
*c
marking contact 1
*d
shape of locking latch depending on material and pole
numbers
*f
keying groove width depending on intended counterpart
*g
2 supports from 10 poles on
*h
printed circuit board layout, solder side view
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com