Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3853 Datasheet(PDF) 1 Page - Lumberg

Part # 3853
Description  Multimodul connectors, pitch 2.5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

3853 Datasheet(HTML) 1 Page - Lumberg

  3853_18 Datasheet HTML 1Page - Lumberg 3853_18 Datasheet HTML 2Page - Lumberg 3853_18 Datasheet HTML 3Page - Lumberg 3853_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
38 3853
01/2018
1
Multimodul™ connectors, pitch 2.5 mm
Multimodul™ pin header, angular, with locking latch, with
retaining hooks
State: Active
Approvals:
PS
Q
K
U A
R
L
A
I
M
T Y
E N
E C
MAT
R
I
I
O
F
N
N
D
O
E
C
L
E
A
D
F
N
A
O
B
IT
of 4


Similar Part No. - 3853_18

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
3853-1 FILTRAN-3853-1 Datasheet
140Kb / 1P
Audio Line Matching Transformer
logo
Lumberg
385311 LUMBERG-385311 Datasheet
94Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
More results

Similar Description - 3853_18

ManufacturerPart #DatasheetDescription
logo
Lumberg
3800 LUMBERG-3800_18 Datasheet
261Kb / 3P
Multimodul connectors, pitch 2.5 mm
3801 LUMBERG-3801 Datasheet
649Kb / 3P
Multimodul connectors, pitch 2.5 mm
3810 LUMBERG-3810_18 Datasheet
577Kb / 4P
Multimodul connectors, pitch 2.5 mm
3820 LUMBERG-3820_18 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
3821 LUMBERG-3821 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
3823 LUMBERG-3823_18 Datasheet
246Kb / 3P
Multimodul connectors, pitch 2.5 mm
3851 LUMBERG-3851_18 Datasheet
303Kb / 4P
Multimodul connectors, pitch 2.5 mm
3852 LUMBERG-3852 Datasheet
391Kb / 4P
Multimodul connectors, pitch 2.5 mm
3855 LUMBERG-3855 Datasheet
370Kb / 4P
Multimodul connectors, pitch 2.5 mm
8385A01 LUMBERG-8385A01_18 Datasheet
231Kb / 3P
Multimodul connectors, pitch 2.5 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com