Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3853 Datasheet(PDF) 4 Page - Lumberg

Part # 3853
Description  Multimodul connectors, pitch 2.5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

3853 Datasheet(HTML) 4 Page - Lumberg

  3853_18 Datasheet HTML 1Page - Lumberg 3853_18 Datasheet HTML 2Page - Lumberg 3853_18 Datasheet HTML 3Page - Lumberg 3853_18 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
38 3853
01/2018
4
Designation Pole Number PU (Pieces) MDQ (Pieces)
Dimensions
A (mm)
B (mm)
C (mm)
D (mm)
E (mm)
F (mm)
3853 02
2
1000
5000
2.5
7.7
10.0
1.5/1.0 *f
1.3
3.6
3853 03
3
1000
5000
5.0
10.2
12.5
1.5/1.0 *f
2.6
6.1
3853 04
4
1000
5000
7.5
12.7
15.0
1.0
5.1
8.6
3853 05
5
1000
5000
10.0
15.2
17.5
1.0
5.1
8.6
3853 06
6
500
5000
12.5
17.7
20.0
1.0
5.1
8.6
3853 07
7
500
5000
15.0
20.2
22.5
1.0
5.1
(8.6) *d
3853 08
8
500
5000
17.5
22.7
25.0
1.0
5.1
(8.6) *d
3853 09
9
500
5000
20.0
25.2
27.5
1.0
5.1
(8.6) *d
3853 10
10
500
5000
22.5
27.7
30.0
1.0
5.1
(8.6) *d
3853 11
11
500
5000
25.0
30.2
32.5
1.0
5.1
(8.6) *d
3853 12
12
500
5000
27.5
32.7
35.0
1.0
5.1
(8.6) *d
3853 13
13
500
5000
30.0
35.2
37.5
1.0
5.1
(8.6) *d
3853 14
14
500
5000
32.5
37.7
40.0
1.0
5.1
(8.6) *d
3853 15
15
500
5000
35.0
40.2
42.5
1.0
5.1
(8.6) *d
3853 16
16
500
5000
37.5
42.7
45.0
1.0
5.1
(8.6) *d
3853 17
17
500
5000
40.0
45.2
47.5
1.0
5.1
(8.6) *d
3853 18
18
500
5000
42.5
47.7
50.0
1.0
5.1
(8.6) *d
3853 19
19
500
5000
45.0
50.2
52.5
1.0
5.1
(8.6) *d
3853 20
20
500
5000
47.5
52.7
55.0
1.0
5.1
(8.6) *d
Designation to be completed by further details (e.g. for keying, color or material options).
Packaging:
in bulk, in a cardboard box
of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com