Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JSX
Description  Superior Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSX Datasheet(HTML) 1 Page - jb Capacitors Company

  JSX Datasheet HTML 1Page - jb Capacitors Company JSX Datasheet HTML 2Page - jb Capacitors Company JSX Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STANDARD SIZE (mm)
For 0.1uF to 1uF, please consult to our sales for size.
µF
250V
µF
250V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
1.0uF
0.0005
12.5
25
0.8
38
5.1uF
0.0005
21.5
31.5
0.8
38
1.1uF
0.0005
13
25
0.8
38
5.6uF
0.0005
22
31.5
0.8
38
1.2uF
0.0005
11.5
31.5
0.8
38
6.0uF
0.0005
23
31.5
0.8
38
1.3uF
0.0005
12
31.5
0.8
38
6.2uF
0.0005
23
31.5
0.8
38
1.5uF
0.0005
12.5
31.5
0.8
38
6.8uF
0.0005
24
31.5
0.8
38
1.6uF
0.0005
13
31.5
0.8
38
7.0uF
0.0005
19.5
46
0.8
38
1.8uF
0.0005
13.5
31.5
0.8
38
7.5uF
0.0005
20.5
46
0.8
38
2.0uF
0.0005
14
31.5
0.8
38
8.0uF
0.0005
21
46
0.8
38
2.2uF
0.0005
14.5
31.5
0.8
38
8.2uF
0.0005
21
46
0.8
38
2.4uF
0.0005
15.5
31.5
0.8
38
9.1uF
0.0005
22.5
46
0.8
38
2.5uF
0.0005
15.5
31.5
0.8
38
10uF
0.0005
23
46
1.0
38
2.7uF
0.0005
16
31.5
0.8
38
11uF
0.0005
24.5
46
1.0
38
3.0uF
0.0005
17
31.5
0.8
38
12uF
0.0005
25
46
1.0
38
3.3uF
0.0005
17.5
31.5
0.8
38
13uF
0.0005
26
46
1.0
38
3.5uF
0.0005
18
31.5
0.8
38
14uF
0.0005
27
46
1.0
38
3.6uF
0.0005
18.5
31.5
0.8
38
15uF
0.0005
28
46
1.0
38
3.9uF
0.0005
19
31.5
0.8
38
16uF
0.0005
29
46
1.0
38
4.0uF
0.0005
19
31.5
0.8
38
18uF
0.0005
30.5
46
1.0
38
4.3uF
0.0005
19.5
31.5
0.8
38
20uF
0.0005
32
46
1.0
38
4.5uF
0.0005
20
31.5
0.8
38
22uF
0.0009
33
46
1.0
38
4.7uF
0.0005
20.5
31.5
0.8
38
24uF
0.0009
35
46
1.0
38
5.0uF
0.0005
21
31.5
0.8
38
27uF
0.0009
37
46
1.0
38
Superior Metallized Polypropylene Film Capacitors – Axial – JSX
FEATURES
Ø
Quick transient design
Ø
High Precise Capacitance ±3%, ±5%
Ø
Very Low Dielectric absorption factor
Ø
Very Low Dissipation factor
Ø
Very Low ESR
Ø
Very Low Inductance
Ø
Excellent handling of high current audio pulses
SPECIFICATIONS
Passive flammability
GB10191-88 IEC384-16
Operating temperature
-55℃~+85℃
Capacitance range
0.1~100uF
Capacitance tolerance
±3%、±5% 1KHz
Rated voltage
250V、400V、630V.DC
Withstand voltage
1.6VR 5S
Dissipation factor
≤0.0010 1KHz
Insulate the electric resistance
CR≤0.33μF, I.R≥15,000MΩ
CR>0.33μF, I.R≥5,000S
Leads Diameter
0.8、1.0 Silver-plated Copper Wire
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JSX

ManufacturerPart #DatasheetDescription
logo
C&K Components
JSX CK-COMPONENTS-JSX Datasheet
296Kb / 1P
Sub-Miniature Slide Switch
JSX CK-COMPONENTS-JSX Datasheet
149Kb / 1P
Sub-Miniature Slide Switch
logo
Kycon, Inc.
JSX-1000 KYCON-JSX-1000 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-1055 KYCON-JSX-1055 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
JSX-1055-5.9 KYCON-JSX-1055-5.9 Datasheet
948Kb / 1P
D-SUBMINIATURE Hardware
More results

Similar Description - JSX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
jb Capacitors Company
JSX JBCAPACITORS-JSX_16 Datasheet
195Kb / 3P
Superior Metallized Polypropylene Film Capacitors ??Axial ??JSX
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com