Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JSX
Description  Superior Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSX Datasheet(HTML) 2 Page - jb Capacitors Company

  JSX Datasheet HTML 1Page - jb Capacitors Company JSX Datasheet HTML 2Page - jb Capacitors Company JSX Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
µF
250V
µF
250V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
28uF
0.0009
34
56
1.0
38
51uF
0.0013
43.5
61
1.0
38
30uF
0.001
35
56
1.0
38
55uF
0.0013
45
61
1.0
38
33uF
0.001
36
56
1.0
38
56uF
0.0013
46
61
1.0
38
36uF
0.001
38
56
1.0
38
62uF
0.0014
48
61
1.0
38
39uF
0.001
39.5
56
1.0
38
68uF
0.0014
39.5
61
1.0
38
41uF
0.001
40.5
56
1.0
38
75uF
0.0014
42
61
1.0
38
43uF
0.001
41.5
56
1.0
38
82uF
0.0014
43.5
61
1.0
38
45uF
0.001
41
61
1.0
38
91uF
0.0014
45.5
61
1.0
38
47uF
0.001
42
61
1.0
38
100uF
0.0014
44
61
1.0
38
50uF
0.001
43
61
1.0
38
--
--
--
--
--
--
µF
400V
µF
400V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
1.0uF
0.0005
14.5
25
0.8
38
7.0uF
0.0005
23.5
46
0.8
38
1.1uF
0.0005
13
31.5
0.8
38
7.5uF
0.0005
24
46
0.8
38
1.2uF
0.0005
13.5
31.5
0.8
38
8.0uF
0.0005
25
46
0.8
38
1.3uF
0.0005
14
31.5
0.8
38
8.2uF
0.0005
25.5
46
0.8
38
1.5uF
0.0005
14.5
31.5
0.8
38
9.1uF
0.0005
26.5
46
0.8
38
1.6uF
0.0005
15
31.5
0.8
38
10uF
0.0005
28
46
1.0
38
1.8uF
0.0005
16
31.5
0.8
38
11uF
0.0005
29
46
1.0
38
2.0uF
0.0005
16.5
31.5
0.8
38
12uF
0.0005
30.5
46
1.0
38
2.2uF
0.0005
17.5
31.5
0.8
38
13uF
0.0005
31
46
1.0
38
2.4uF
0.0005
18
31.5
0.8
38
14uF
0.0005
32.5
46
1.0
38
2.5uF
0.0005
18.5
31.5
0.8
38
15uF
0.0005
33
46
1.0
38
2.7uF
0.0005
19
31.5
0.8
38
16uF
0.0005
30.5
56
1.0
38
3.0uF
0.0005
20
31.5
0.8
38
18uF
0.0005
32.5
56
1.0
38
3.3uF
0.0005
20.5
31.5
0.8
38
20uF
0.0005
34.5
56
1.0
38
3.5uF
0.0005
21
31.5
0.8
38
22uF
0.0009
36
56
1.0
38
3.6uF
0.0005
21.5
31.5
0.8
38
24uF
0.0009
37.5
56
1.0
38
3.9uF
0.0005
22.5
31.5
0.8
38
27uF
0.0009
39.5
56
1.0
38
4.0uF
0.0005
22.5
31.5
0.8
38
28uF
0.0009
40.5
56
1.0
38
4.3uF
0.0005
23.5
31.5
0.8
38
30uF
0.001
41.5
56
1.0
38
4.5uF
0.0005
24
31.5
0.8
38
33uF
0.001
43.5
56
1.0
38
4.7uF
0.0005
19.5
46
0.8
38
36uF
0.001
46
56
1.0
38
5.0uF
0.0005
20
46
0.8
38
39uF
0.001
48
56
1.0
38
5.1uF
0.0005
20
46
0.8
38
--
--
--
--
--
--
5.6uF
0.0005
21
46
0.8
38
--
--
--
--
--
--
6.0uF
0.0005
22
46
0.8
38
--
--
--
--
--
--
6.2uF
0.0005
22
46
0.8
38
--
--
--
--
--
--
6.8uF
0.0005
23
46
0.8
38
--
--
--
--
--
--
Superior Metallized Polypropylene Film Capacitors – Axial – JSX
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com