Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSX Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JSX
Description  Superior Metallized Polypropylene Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JSX Datasheet(HTML) 3 Page - jb Capacitors Company

  JSX Datasheet HTML 1Page - jb Capacitors Company JSX Datasheet HTML 2Page - jb Capacitors Company JSX Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
\
µF
630V
µF
630V
Dissipation
OD
L
d
LL
Dissipation
OD
L
d
LL
1.0uF
0.0005
16
31.5
0.8
38
5.0uF
0.0005
26
46
0.8
38
1.1uF
0.0005
16.5
31.5
0.8
38
5.1uF
0.0005
26.5
46
0.8
38
1.2uF
0.0005
17
31.5
0.8
38
5.6uF
0.0005
28
46
0.8
38
1.3uF
0.0005
17.5
31.5
0.8
38
6.0uF
0.0005
28.5
46
0.8
38
1.5uF
0.0005
18
31.5
0.8
38
6.2uF
0.0005
29
46
0.8
38
1.6uF
0.0005
19.5
31.5
0.8
38
6.8uF
0.0005
30.5
46
0.8
38
1.8uF
0.0005
20.5
31.5
0.8
38
7.0uF
0.0005
31
46
0.8
38
2.0uF
0.0005
21.5
31.5
0.8
38
7.5uF
0.0005
31.5
46
0.8
38
2.2uF
0.0005
22.5
31.5
0.8
38
8.0uF
0.0005
32.5
46
0.8
38
2.4uF
0.0005
23.5
31.5
0.8
38
8.2uF
0.0005
33
46
0.8
38
2.5uF
0.0005
24
31.5
0.8
38
9.1uF
0.0005
35
46
0.8
38
2.7uF
0.0005
25.5
31.5
0.8
38
10.0uF
0.0005
32.5
56
1.0
38
3.0uF
0.0005
20.5
46
0.8
38
11.0uF
0.0005
34
56
1.0
38
3.3uF
0.0005
21.5
46
0.8
38
12.0uF
0.0005
35.5
56
1.0
38
3.5uF
0.0005
22
46
0.8
38
13.0uF
0.0005
37
56
1.0
38
3.6uF
0.0005
22.5
46
0.8
38
14.0uF
0.0005
38
56
1.0
38
3.9uF
0.0005
23.5
46
0.8
38
15.0uF
0.0005
39
56
1.0
38
4.0uF
0.0005
24
46
0.8
38
16.0uF
0.0005
40.5
56
1.0
38
4.3uF
0.0005
24.5
46
0.8
38
18.0uF
0.0005
43
56
1.0
38
4.5uF
0.0005
25
46
0.8
38
20.0uF
0.0005
45
56
1.0
38
4.7uF
0.0005
25.5
46
0.8
38
--
--
--
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Superior Metallized Polypropylene Film Capacitors – Axial – JSX
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com