Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7783 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7783
Description  Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7783 Datasheet(HTML) 5 Page - Analog Devices

  AD7783 Datasheet HTML 1Page - Analog Devices AD7783 Datasheet HTML 2Page - Analog Devices AD7783 Datasheet HTML 3Page - Analog Devices AD7783 Datasheet HTML 4Page - Analog Devices AD7783 Datasheet HTML 5Page - Analog Devices AD7783 Datasheet HTML 6Page - Analog Devices AD7783 Datasheet HTML 7Page - Analog Devices AD7783 Datasheet HTML 8Page - Analog Devices AD7783 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
AD7783
–5–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . . –0.3 V to VDD + 0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . . . . 30 mA
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
∞C
TSSOP Package
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 97.9
∞C/W
JC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 14
∞C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause per-
manent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7783BRU
–40
∞C to +85∞C
TSSOP
RU-16
AD7783BRU-REEL
–40
∞C to +85∞C
TSSOP
RU-16
AD7783BRU-REEL7
–40
∞C to +85∞C
TSSOP
RU-16
EVAL-AD7783EB
Evaluation Board
CS (I)
DOUT/
RDY (O)
SLAVE MODE
SCLK (I)
MASTER MODE
SCLK (O)
I = INPUT TO AD7783, AND O = OUTPUT FROM AD7783.
SLAVE MODE IS SELECTED BY TYING THE MODE PIN LOW, WHILE MASTER MODE IS SELECTED BY TYING THE MODE PIN HIGH.
t2
t3
t4
t5
t6
t4
t10
t5
t6
t8
t7
t9
MSB
MSB
LSB
LSB
Figure 2. Slave/Master Mode Timing Diagram
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD7783 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com