Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7783 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7783
Description  Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7783 Datasheet(HTML) 3 Page - Analog Devices

  AD7783 Datasheet HTML 1Page - Analog Devices AD7783 Datasheet HTML 2Page - Analog Devices AD7783 Datasheet HTML 3Page - Analog Devices AD7783 Datasheet HTML 4Page - Analog Devices AD7783 Datasheet HTML 5Page - Analog Devices AD7783 Datasheet HTML 6Page - Analog Devices AD7783 Datasheet HTML 7Page - Analog Devices AD7783 Datasheet HTML 8Page - Analog Devices AD7783 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. B
AD7783
–3–
Parameter
AD7783B
Unit
Test Conditions
LOGIC INPUTS
All Inputs Except SCLK and XTAL1
2
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
0.4
V max
VDD = 3 V
VINH, Input High Voltage
2.0
V min
VDD = 3 V or 5 V
SCLK Only (Schmitt-Triggered Input)
2
VT(+)
1.4/2
V min/V max
VDD = 5 V
VT(–)
0.8/1.4
V min/V max
VDD = 5 V
VT(+) – VT(–)
0.3/0.85
V min/V max
VDD = 5 V
VT(+)
0.95/2
V min/V max
VDD = 3 V
VT(–)
0.4/1.1
V min/V max
VDD = 3 V
VT(+) – VT(–)
0.3/0.85
V min/V max
VDD = 3 V
XTAL1 Only
2
VINL, Input Low Voltage
0.8
V max
VDD = 5 V
VINH, Input High Voltage
3.5
V min
VDD = 5 V
VINL, Input Low Voltage
0.4
V max
VDD = 3 V
VINH, Input High Voltage
2.5
V min
VDD = 3 V
Input Currents
±1
mA max
VIN = VDD
–70
mA max
VIN = GND, Typically –40
mA at 5 V and
–20
mA at 3 V
Input Capacitance
10
pF typ
All Digital Inputs
LOGIC OUTPUTS (Excluding XTAL2)
VOH, Output High Voltage
2
VDD – 0.6
V min
VDD = 3 V, ISOURCE = 100
mA
VOL, Output Low Voltage
2
0.4
V max
VDD = 3 V, ISINK = 100
mA
VOH, Output High Voltage
2
4V min
VDD = 5 V, ISOURCE = 200
mA
VOL, Output Low Voltage
2
0.4
V max
VDD = 5 V, ISINK = 1.6 mA
Floating-State Leakage Current
±10
mA max
Floating-State Output Capacitance
±10
pF typ
Data Output Coding
Offset Binary
START-UP TIME
From Power-On
300
ms typ
POWER REQUIREMENTS
Power Supply Voltage
VDD – GND
2.7/3.6
V min/V max
VDD = 3 V nom
4.75/5.25
V min/V max
VDD = 5 V nom
Power Supply Currents
IDD Current (Normal Mode)
4
1.5
mA max
VDD = 3 V, 1.3 mA typ
1.7
mA max
VDD = 5 V, 1.5 mA typ
IDD (Power-Down Mode, CS = 1)
9
mA max
VDD = 3 V, 6
mA typ
24
mA max
VDD = 5 V, 20
mA typ
NOTES
1Temperature range –40
∞C to +85∞C.
2Guaranteed by design and/or characterization data on production release.
3When a 28.8 kHz crystal is used, normal-mode rejection is improved so that the rejection equals 75 dB at 50 Hz
±1 Hz and equals 66 dB at 60 Hz ±1 Hz.
4Normal mode refers to the case where the ADC is running.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com