Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7783 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7783
Description  Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7783 Datasheet(HTML) 1 Page - Analog Devices

  AD7783 Datasheet HTML 1Page - Analog Devices AD7783 Datasheet HTML 2Page - Analog Devices AD7783 Datasheet HTML 3Page - Analog Devices AD7783 Datasheet HTML 4Page - Analog Devices AD7783 Datasheet HTML 5Page - Analog Devices AD7783 Datasheet HTML 6Page - Analog Devices AD7783 Datasheet HTML 7Page - Analog Devices AD7783 Datasheet HTML 8Page - Analog Devices AD7783 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2004 Analog Devices, Inc. All rights reserved.
AD7783
Read-Only, Pin Configured 24-Bit - ADC
with Excitation Current Sources
FEATURES
Single-Channel, 24-Bit
-
ADC
Pin Configurable (No Programmable Registers)
ISOURCE Select™
Pin Programmable Input Ranges (
±2.56 V or ±160 mV)
Fixed 19.79 Hz Update Rate
Simultaneous 50 Hz and 60 Hz Rejection
24-Bit No Missing Codes
18.5-Bit p-p Resolution (
±2.56 V Range)
16.5-Bit p-p Resolution (
±160 mV Range)
INTERFACE
Master or Slave Mode of Operation
Slave Mode
3-Wire Serial
SPI®, QSPI™, MICROWIRE™, and DSP-Compatible
Schmitt Trigger on SCLK
POWER
Specified for Single 3 V and 5 V Operation
Normal: 1.3 mA @ 3 V
Power-Down: 9
A
ON-CHIP FUNCTIONS
Rail-to-Rail Input Buffer and PGA
APPLICATIONS
Sensor Measurement
Industrial Process Control
Temperature Measurement
Pressure Measurement
Weigh Scales
Portable Instrumentation
GENERAL DESCRIPTION
The AD7783 is a complete analog front end for low frequency
measurement applications. The 24-bit sigma-delta ADC con-
tains one fully differential input channel that can be configured
with a gain of 1 or 16 allowing full-scale input signal ranges of
±2.56 V or ±160 mV from a +2.5 V differential reference input.
It also contains two 200
mA integrated current sources.
The AD7783 has an extremely simple, read-only digital inter-
face that can be operated in master mode or slave mode.
There are no on-chip registers to be programmed. The input
signal range and current source selection are configured using
two external pins.
FUNCTIONAL BLOCK DIAGRAM
OSCILLATOR
AND
PLL
DOUT/
RDY
SCLK
MODE
XTAL1 XTAL2
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CS
REFIN(–)
REFIN(+)
24-BIT
-
ADC
RANGE
AD7783
VDD
GND
BUF
PGA
MUX
AIN(+)
AIN(–)
IOUT1
VDD
IEXC1
200 A
IEXC2
200 A
IOUT2
IPIN
BASIC CONNECTION DIAGRAM
AD7783
REFIN(+)
REFIN(–)
AIN(–)
AIN(+)
IOUT2
IOUT1
XTAL1
VDD
DOUT/
RDY
CS
SCLK
XTAL2
GND
REFERENCE
INPUT
CURRENT
SOURCES
ANALOG
INPUT
POWER SUPPLY
32.768kHz
CRYSTAL
DIGITAL
INTERFACE
The device operates from a 32.768 kHz crystal with an on-chip
PLL generating the required internal operating frequency. The
output data rate from the part is fixed via the master clock at
19.79 Hz and provides simultaneous 50 Hz and 60 Hz rejection
at this update rate. At this update rate, 18-bit p-p resolution can
be obtained.
The part operates from a single 3 V or 5 V supply. When oper-
ating from 3 V supplies, the power dissipation for the part is
3.9 mW. The AD7783 is available in a 16-lead TSSOP.
Another part in the AD778x family is the AD7782. It is similar
to the AD7783 except it has no integrated current sources and
two differential input channels.


Similar Part No. - AD7783

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7783 AD-AD7783 Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7783BRU AD-AD7783BRU Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7783BRU-REEL AD-AD7783BRU-REEL Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7783BRU-REEL7 AD-AD7783BRU-REEL7 Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7783BRUZ AD-AD7783BRUZ Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
More results

Similar Description - AD7783

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7782 AD-AD7782 Datasheet
126Kb / 12P
Read Only, Pin Configured 24-Bit ADC
REV.0
logo
Linear Technology
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
logo
Analog Devices
AD7195 AD-AD7195 Datasheet
662Kb / 44P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7709ARU AD-AD7709ARU Datasheet
428Kb / 32P
16-Bit - ADC with Switchable Current Sources
REV. A
AD7709ARUZ AD-AD7709ARUZ Datasheet
353Kb / 32P
16-Bit-ADC with Switchable Current Sources
REV. A
logo
Linear Technology
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
24-Bit ADC with Easy Drive Input Current Cancellation
logo
Analog Devices
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
Rev. 0
AD7709 AD-AD7709_17 Datasheet
437Kb / 33P
16-Bit ADC with Switchable Current Sources
23-Feb-2017
AD7782 AD-AD7782_17 Datasheet
638Kb / 13P
Read Only, Pin Configured 24-Bit ADC
23-Feb-2017
AD7783 AD-AD7783_17 Datasheet
318Kb / 13P
Read-Only, Pin Configured 24-Bit ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com