Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1721 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1721 Datasheet HTML 1Page - Microsemi Corporation LX1721 Datasheet HTML 2Page - Microsemi Corporation LX1721 Datasheet HTML 3Page - Microsemi Corporation LX1721 Datasheet HTML 4Page - Microsemi Corporation LX1721 Datasheet HTML 5Page - Microsemi Corporation LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
 2001
Rev. 1.1,2003-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
ELECTRICAL CHA RACTERISTICS (CONTINUED)
LX1721 / 1722
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Current Limit Comparator
Voltage Sense Threshold
190
210
230
mV
Blanking Pulse Delay
500
‘ns
Response Time
Excluding blanking pulse
250
‘ns
IUM Pulses required to Current Limit
Latch
4
4
4
‘cycles
Consecutive Clear Pulses required to
reset IUM counter
2
2
2
‘cycles
Reference Voltage Section
Initial Accuracy
(VREF)
5.0
Voltage Stability
(VREF)
± 50
± 100
‘mV
Initial Accuracy
(V25)
2.5
Voltage Stability
(V25)
± 25
± 50
mV
Temperature Stability
TA = 0
OC to 70OC
2
5
‘mV
Line Regulation
VDD = 9V to 15V
0.5
‘mV
Load Regulation
IOUT = 0 to 10mA
5
‘mV
Under Voltage Lockout Section
Start Threshold Voltage
6
V
UV Lockout Hysteresis
250
mV
UVLO Delay To Output Enable
62,500
clkcyc
Supply Current
Sleep Current
SLEEP Input = 0V, TA = 25
OC
30
µA
Operating Current
SLEEP Input = 2V, VIN = 15V,
No MOSFETs connected
8
11
‘mA
Sleep to Output Enable
62,500
clkcyc
Sleep Threshold
1.45
1.6
1.75
V
Mute Section
Mute Threshold
1.2
1.35
1.5
V
Output Drivers For N-Channel MOSFETs
ISINK = 3mA
30
100
‘mV
NFET Drivers, Low Level Voltage
VOL
ISINK = 100mA
0.3
1.0
V
ISOURCE = 3mA, CN = 5.2V
applied externally
30
100
‘mV
NFET Drivers, High Level Voltage
VOH
ISOURCE = 100mA, CN = 5.2V
applied externally
0.3
1.0
V
Output Drives For P-Channel MOSFETs
ISINK = 3mA
30
100
‘mV
PFET Drivers, Low Level Voltage
VOL
ISINK = 100mA
0.5
1.0
V
ISOURCE = 3mA, CP = 5.2V
(applied externally)
30
100
‘mV
PFET Drivers, High Level Voltage
VOH
ISOURCE = 100mA, CP = 5.2V
(applied externally)
0.5
1.0
V
Note 2: The LX1721 / 22CDB is guaranteed to meet performance specifications from 0° to 70°C. Specifications over the -20° to 0°C operation temperature
range are assured by design, characterization, and statistical process control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com