Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1721 Datasheet(PDF) 13 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 13 Page - Microsemi Corporation

Back Button LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation LX1721 Datasheet HTML 10Page - Microsemi Corporation LX1721 Datasheet HTML 11Page - Microsemi Corporation LX1721 Datasheet HTML 12Page - Microsemi Corporation LX1721 Datasheet HTML 13Page - Microsemi Corporation LX1721 Datasheet HTML 14Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 13
Copyright
 2001
Rev. 1.1,2003-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
MECHANICAL DIMINSIONS
DB
44-Pin Quarter Size Outline Package (QSOP)
G
E
D
A
C
M
E
P
B
F
L
ZD
122
23
44
R
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
2.44
2.64
0.096
0.104
B
0.28
0.51
0.011
0.020
C
0.23
0.32
0.091
0.0125
D
17.73
17.93
0.698
0.706
E
7.40
7.60
0.291
0.299
F
0.80 BSC
0.0315 BSC
G
0.10
0.30
0.004
0.012
L
0.40
1.27
0.016
0.050
M
0°
8°
0°
8°
P
10.11
10.51
0.396
0.414
R
0.63
0.89
0.025
0.035
ZD
0.51 REF
0.033 REF
*LC
-
0.10
-
0.004
* Lead Coplanarity
Note:
Dimensions do not include mold flash or protrusions; these shall not exceed 0.15mm (.006”) on any side. Lead dimension shall not include
solder coverage
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com