Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1721 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1721 Datasheet HTML 1Page - Microsemi Corporation LX1721 Datasheet HTML 2Page - Microsemi Corporation LX1721 Datasheet HTML 3Page - Microsemi Corporation LX1721 Datasheet HTML 4Page - Microsemi Corporation LX1721 Datasheet HTML 5Page - Microsemi Corporation LX1721 Datasheet HTML 6Page - Microsemi Corporation LX1721 Datasheet HTML 7Page - Microsemi Corporation LX1721 Datasheet HTML 8Page - Microsemi Corporation LX1721 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
 2001
Rev. 1.1,2003-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
TH ERMAL DATA
DB
44-PIN QSSOP PACKAGE
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
50
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
1
22
23
44
LFAOUT
CPWM
RPWM
LMUTE
LEAOUT
LEAIN
VREF
CLOCK
GND
V25
LIN+
LIN-
LAMPOUT
RIN+
RIN-
RAMPOUT
SLEEP
STATUS
RMUTE
REAIN
REAOUT
RFAOUT
LFBK-
LFBK+
LISN
VDD
CN
PVDD
PGND
LN+
LP+
LP-
LN-
RN-
RP-
RP+
RN+
PGND
CP
PVDD
NC
RISN
RFBK+
RFBK-
DB PACKAGE
(Top View)
DESCRIPTION (CO N TINUTED)
The stereo output controller is available in either an
LX1722 high power version (>65Wrms, 4Ω) with a supply
voltage range of 7V-25V or an LX1721 high fidelity
version (better SNR performance) with a supply voltage
range of 7V-15V.
The current rating of the external
MOSFET’s, the available supply voltage, and speaker load
primarily limits the maximum output power. The amplifier
provides high fidelity performance and is designed to
operate over the full 20Hz to 20kHz audio band. Signal
distortion measurements yield.
THD+N levels of 0.06%(1kHz, 1Wrms). Efficiency is
greater than 80% typical, which eliminates the need for
heatsinks in most applications. The AudioMAX™ solution
requires a single supply voltage, simplifying input power
requirements where a dual supply may not be available. To
minimize potential environmental noise issues and ease the
integration of the amplifier into a variety of applications,
features such as a balanced/differential audio input and a high
power supply rejection ratio help reduce the effects of noise
from the audio signal or power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com