Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBO-1 Datasheet(PDF) 2 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 2 Page - CUI INC

  PBO-1 Datasheet HTML 1Page - CUI INC PBO-1 Datasheet HTML 2Page - CUI INC PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 12/08/2017
│ page 2 of 10
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
85
70
305
430
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 277 Vac
0.12
0.06
A
A
inrush current
at 115 Vac
at 277 Vac
9
15
A
A
no load power consumption
24 Vdc output models
all other models
0.3
0.25
W
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 Vdc output models
all other models
220
100
µF
µF
initial set point accuracy
5 Vdc output models
all other models
±8
±5
%
%
line regulation
at full load
±1.5
%
load regulation
from 5~100% load
±2.5
%
hold-up time
at 230 Vac
150
180
ms
switching frequency
100
kHz
temperature coefficient
±0.15
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
auto recovery
110
500
%
short circuit protection
continuous, auto recovery
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
3,000
Vac
safety approvals
UL 60950-1, EN 60950-1, IEC 60950-1
safety class
Class II
conducted emissions
CISPR32/EN55032, Class A (external circuit required, see Figure 1)
CISPR32/EN55032, Class B (external circuit required, see Figure 2)
radiated emissions
CISPR32/EN55032, Class A (external circuit required, see Figure 1)
CISPR32/EN55032, Class B (external circuit required, see Figure 2)
ESD
IEC/EN61000-4-2, contact ±4 kV, Class B
radiated immunity
IEC/EN61000-4-3, 10V/m, Class A (external circuit required, see Figure 2)
EFT/burst
IEC/EN61000-4-4, ±2 kV, Class B (external circuit required, see Figure 1)
IEC/EN61000-4-4, ±4 kV, Class B (external circuit required, see Figure 2)
surge
IEC/EN61000-4-5, line to line ±1 kV, Class B (external circuit required, see Figure 1)
IEC/EN61000-4-5, line to line ±1 kV/line to ground ±2 kV, Class B
(external circuit required, see Figure 2)
conducted immunity
IEC/EN61000-4-6, 10 Vr.m.s, Class A (external circuit required, see Figure 2)
voltage dips & interruptions
IEC/EN61000-4-11 Class B, 0%-70% (external circuit required, see Figure 2)
MTBF
as per MIL-HDBK-217F at 25°C
200,000
hours
RoHS
2011/65/EU
Notes:
1. The power supply is considered a component which will be installed into final equipment. The final equipment still must be tested to meet the necessary EMC directives.
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com