Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBO-1 Datasheet(PDF) 1 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 1 Page - CUI INC

  PBO-1 Datasheet HTML 1Page - CUI INC PBO-1 Datasheet HTML 2Page - CUI INC PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
cui.com
date 12/08/2017
page 1 of 10
SERIES: PBO-1
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(mVp-p)
typ
(%)
PBO-1-S5
5
10
200
1
120
66
PBO-1-S9
9
5.55
111
1
120
67
PBO-1-S12
12
4.15
83
1
120
70
PBO-1-S15
15
3.35
67
1
120
69
PBO-1-S24
24
2.1
42
1
120
68
Notes:
1. At full load, nominal input, 20 MHz bandwidth oscilloscope, see Application Circuit.
2. At 230 Vac input.
3. All specifications are measured at Ta=25°C, humidity <75%, 115 or 230 Vac input voltage, and rated output load unless otherwise specified.
FEATURES
• up to 1 W continuous power
• ultra-compact SIP package
• available in straight-pin and bent-pin configurations
• wide input voltage range
• over current and short circuit protections
• 3,000 Vac isolation
• UL 60950-1, CE safety approvals
PART NUMBER KEY
Base Number
PBO-1 - S XX - X
Output Voltage
Orientation
“blank” = vertical
B = right-angle
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans


Similar Part No. - PBO-1

ManufacturerPart #DatasheetDescription
logo
CUI INC
PBO-1 CUI-PBO-1 Datasheet
3Mb / 13P
AC-DC POWER SUPPLY
01/18/2022
PBO-1-S12 CUI-PBO-1-S12 Datasheet
3Mb / 13P
AC-DC POWER SUPPLY
01/18/2022
PBO-1-S15 CUI-PBO-1-S15 Datasheet
3Mb / 13P
AC-DC POWER SUPPLY
01/18/2022
PBO-1-S24 CUI-PBO-1-S24 Datasheet
3Mb / 13P
AC-DC POWER SUPPLY
01/18/2022
PBO-1-S5 CUI-PBO-1-S5 Datasheet
3Mb / 13P
AC-DC POWER SUPPLY
01/18/2022
More results

Similar Description - PBO-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com