Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBO-1 Datasheet(PDF) 7 Page - CUI INC

Part # PBO-1
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-1 Datasheet(HTML) 7 Page - CUI INC

Back Button PBO-1 Datasheet HTML 2Page - CUI INC PBO-1 Datasheet HTML 3Page - CUI INC PBO-1 Datasheet HTML 4Page - CUI INC PBO-1 Datasheet HTML 5Page - CUI INC PBO-1 Datasheet HTML 6Page - CUI INC PBO-1 Datasheet HTML 7Page - CUI INC PBO-1 Datasheet HTML 8Page - CUI INC PBO-1 Datasheet HTML 9Page - CUI INC PBO-1 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
cui.com
date 12/08/2017
│ page 7 of 10
CUI Inc
│ SERIES: PBO-1 │ DESCRIPTION: AC-DC POWER SUPPLY
1
+Vo
-Vo
10
12
AC(L)
AC(N)
C1
+
5
3
MO V1
7
AC-DC
C2
C3 TVSRL
L1
C4
L2
CY0
FUSE
NTC
+
+
PI filter
APPLICATION CIRCUIT
Figure 1
Table 1
EMC RECOMMENDED CIRCUIT
AC(N)
AC(L)
MOV2
LCM
CX
CY2
CY3
AC-DC
C1
+
5
FUSE
12
CY1
10
7
-Vo
+Vo
L1
C2
C3 TVSRL
C4
LDM
R2
+
+
1
3
R3
Recommended External Circuit Components
FUSE
1 A/300 V, slow fusing
MOV2
S14K350
LCM
3.50 mH
CX
0.1 µF/275 Vac
LDM
0.33 mH
CY1/CY2/
CY3
1 nF/400 Vac
R2/R3
33 Ω/3 W
Table 2
Figure 2
Recommended External Circuit Components
Vo
(Vdc)
FUSE1
MOV1
NTC
L2
C11
CY0
C21,2
L11
C31
TVS
C4
5
1A/300V S14K350 15D-5
1mH
4.7μF/450V 1nF/400Vac 100μF/16V 2.2μH
68μF/35V
SMBJ7.0A 0.1μF/50V
9
1A/300V S14K350 15D-5
1mH
4.7μF/450V 1nF/400Vac 150μF/35V 2.2μH
68μF/35V
SMBJ12A
0.1μF/50V
12
1A/300V S14K350 15D-5
1mH
4.7μF/450V 1nF/400Vac 100μF/35V 2.2μH
68μF/35V
SMBJ20A
0.1μF/50V
15
1A/300V S14K350 15D-5
1mH
4.7μF/450V 1nF/400Vac 100μF/35V 2.2μH
68μF/35V
SMBJ20A
0.1μF/50V
24
1A/300V S14K350 15D-5
1mH
4.7μF/450V 1nF/400Vac 100μF/35V 2.2μH
68μF/35V
SMBJ30A
0.1μF/50V
Note:
1. Required components.
2. For 5 Vdc outputs, C2 should be a solid-state capacitor.
Notes:
3. C1 is required for both AC and DC inputs.
4. It is required to add pi-type filter circuit (C2, C3, & L1) to the output. The capacitors are recommended to be high frequency and low impedance electrolytic capacitors.
For capacitance and rated ripple current of capacitors, refer to the datasheets provided by the manufacturers. Voltage derating of capacitors should be 80% or above.
5. C4 is a ceramic capacitor used to filter high frequency noise.
6. For current of L1 & L2 refer to the datasheets provided by the manufacturers. Current derating should be 80% or above.
7. TVS is a recommended component to protect post-circuits (if converter fails).
8. It is required to have a distance ≥6.4 mm for safety between external components in primary and secondary circuit.
9. It is recommended to add an insulation sheet between the bottom of the right-angle versions and the PCB when mounting.
Note:
Also refer to Table 1.
For more information, please visit the product page
|
If your application requires forced air, view our Dc Fans



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com