Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL450B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PL450B
Description  Blue Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL450B Datasheet(HTML) 1 Page - OSRAM GmbH

  PL450B Datasheet HTML 1Page - OSRAM GmbH PL450B Datasheet HTML 2Page - OSRAM GmbH PL450B Datasheet HTML 3Page - OSRAM GmbH PL450B Datasheet HTML 4Page - OSRAM GmbH PL450B Datasheet HTML 5Page - OSRAM GmbH PL450B Datasheet HTML 6Page - OSRAM GmbH PL450B Datasheet HTML 7Page - OSRAM GmbH PL450B Datasheet HTML 8Page - OSRAM GmbH PL450B Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
19.09.2016
1
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
ATTENTION – Observe Precautions For Handling – Electrostatic Sensitive Device
2007-05-23
Blue Laser Diode in TO38 ICut Package
Version 0.3
PL 450B
Features
Optical output power (continuous wave): 80 mW (Tcase = 25 °C)
Typical emission wavelength: 450 nm
Efficient radiation source for cw and pulsed operation
Single transverse mode semiconductor laser
High modulation bandwidth
Miniaturized TO38 ICut package
Laser diode isolated against package
Applications
Laser projection
Laser shows
Biomedical Applications
Metrology
Safety Advice
Depending on the mode of operation, these devices emit highly concentrated visible light which can be
hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions found in IEC 60825-1 “Safety of laser products”.


Similar Part No. - PL450B

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PL455ACP-201 EMERSON-NETWORKPOWER-PL455ACP-201 Datasheet
5Mb / 100P
Military, Space and Testing Equipment
More results

Similar Description - PL450B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PL520 OSRAM-PL520 Datasheet
307Kb / 9P
Green Laser Diode in TO38 ICut Package
PL520B OSRAM-PL520B Datasheet
298Kb / 7P
Green Laser Diode in TO38 ICut Package
PLT5450B OSRAM-PLT5450B Datasheet
369Kb / 9P
Blue Laser Diode in TO56 Package
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
Blue-Cyan Laser Diode in TO56 Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
PL-450B OSRAM-PL-450B Datasheet
413Kb / 9P
Blue Laser Diode in TO38 ICut Package
PL-520 OSRAM-PL-520 Datasheet
316Kb / 8P
Green Laser Diode in TO38 ICut Package
PLPT9450D_EA01 OSRAM-PLPT9450D_EA01 Datasheet
1Mb / 16P
Metal Can® Blue Laser Diode in TO90 Package
Version 1.3 2021-04-01
SPLTR85 OSRAM-SPLTR85_V01 Datasheet
1Mb / 13P
Infrared Laser Diode in TO56 Package
Version 0.2 - 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com