Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL450B Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PL450B
Description  Blue Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL450B Datasheet(HTML) 3 Page - OSRAM GmbH

  PL450B Datasheet HTML 1Page - OSRAM GmbH PL450B Datasheet HTML 2Page - OSRAM GmbH PL450B Datasheet HTML 3Page - OSRAM GmbH PL450B Datasheet HTML 4Page - OSRAM GmbH PL450B Datasheet HTML 5Page - OSRAM GmbH PL450B Datasheet HTML 6Page - OSRAM GmbH PL450B Datasheet HTML 7Page - OSRAM GmbH PL450B Datasheet HTML 8Page - OSRAM GmbH PL450B Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 0.3
PL 450B
19.09.2016
3
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
Optical Output Power
Popt = ƒ (IF)
Operating Voltage
VF = ƒ (IF)
Threshold Current
Ith = ƒ (Tcase)
Relative Spectral Emission
Popt = ƒ (λ)
0
2040
6080
100
0
20
40
60
80
T
case
=60°C
T
case
=40°C
T
case
=25°C
I
F
[mA]
0
2040
6080
100
0
1
2
3
4
5
6
T
case
=60°C
T
case
=40°C
T
case
=25°C
I
F
[mA]
30
40
50
60
70
10
15
20
25
30
T
case
[°C]
446
448
450
452
454
0.0
0.2
0.4
0.6
0.8
1.0
T
case
=25°C
T
case
=60°C
T
case
=40°C
[nm]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com