Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL450B Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PL450B
Description  Blue Laser Diode in TO38 ICut Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL450B Datasheet(HTML) 2 Page - OSRAM GmbH

  PL450B Datasheet HTML 1Page - OSRAM GmbH PL450B Datasheet HTML 2Page - OSRAM GmbH PL450B Datasheet HTML 3Page - OSRAM GmbH PL450B Datasheet HTML 4Page - OSRAM GmbH PL450B Datasheet HTML 5Page - OSRAM GmbH PL450B Datasheet HTML 6Page - OSRAM GmbH PL450B Datasheet HTML 7Page - OSRAM GmbH PL450B Datasheet HTML 8Page - OSRAM GmbH PL450B Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
19.09.2016
2
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
Version 0.3
PL 450B
Ordering Information
Maximum Ratings
Operation outside these conditions may damage the device. Operation at maximum ratings may influence
lifetime.
Laser Characteristics (Tcase = 25 °C)
Type:
Optical Output Power
Ordering Code
Popt (Tcase= 25 °C)
PL 450B
80 mW
Q65111A0518
Parameter
Symbol
Values
Unit
min.
max.
Optical Output Power
Popt max
120
mW
Operating Current
IF
165
mA
Operating Temperature
Tcase
-40
+70
°C
Storage Temperature
Tstg
-40
+85
°C
Reverse Voltage
VR
2V
Soldering Temperature max. 10 sec.
Tsolder
260
°C
Junction temperature
Tj
120
°C
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission Wavelength 1)
1) Standard operating conditions refer to a continuous wave output power of P
opt = 80 mW.
λpeak
440
450
460
nm
Spectral Width (FWHM) 1)
Δλ
–2–
nm
Threshold Current
Ith
–17
40
mA
Operating Current 1)
IF
–
75
145
mA
Operating Voltage 1)
VF
–5.2
6.5
V
Beam Divergence (FWHM) 1)
θ∥ x
θ⊥
4 x
18
6.5 x
22.5
7.5 x
25
deg
Polarization 1)
Pgr
–
100:1
–
TE:TM
Modulation Frequency
f
–
>100
–
MHz
Thermal resistance (junction to case)
Rth
–38–
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com