Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL520B Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PL520B
Description  Green Laser Diode in TO38 ICut Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520B Datasheet(HTML) 1 Page - OSRAM GmbH

  PL520B Datasheet HTML 1Page - OSRAM GmbH PL520B Datasheet HTML 2Page - OSRAM GmbH PL520B Datasheet HTML 3Page - OSRAM GmbH PL520B Datasheet HTML 4Page - OSRAM GmbH PL520B Datasheet HTML 5Page - OSRAM GmbH PL520B Datasheet HTML 6Page - OSRAM GmbH PL520B Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
16.11.2015
1
DRAFT - This design is for Reference only. Subject to change
without notice.
ATTENTION – Observe Precautions For Handling – Electrostatic Sensitive Device
2007-05-23
Green Laser Diode in TO38 ICut Package
Version 0.2
PL 520B
Features
•
Optical output power (continuous wave): 80 mW (Tcase = 25 °C)
•
Typical emission wavelength: 520 nm
•
Efficient radiation source for cw and pulsed operation
•
Single transverse mode semiconductor laser
•
High modulation bandwidth
•
Miniaturized TO38 ICut package
•
Laser diode isolated against package
Applications
•
Laser projection
•
Laser shows
•
Biomedical Applications
•
Metrology
Safety Advice
Depending on the mode of operation, these devices emit highly concentrated visible light which can be
hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions found in IEC 60825-1 “Safety of laser products”.


Similar Part No. - PL520B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PL520 OSRAM-PL520 Datasheet
307Kb / 9P
Green Laser Diode in TO38 ICut Package
logo
P-tec Corporation
PL520-1G13 P-TEC-PL520-1G13 Datasheet
31Kb / 1P
5mm LED Snap-in Panel Mount Holder
PL520-1G13-2 P-TEC-PL520-1G13-2 Datasheet
31Kb / 1P
5mm LED Snap-in Panel Mount Holder
PL520-1G13-2 P-TEC-PL520-1G13-2_14 Datasheet
78Kb / 1P
5mm LED Snap-in Panel Mount Holder
PL520-1R12 P-TEC-PL520-1R12 Datasheet
31Kb / 1P
5mm LED Snap-in Panel Mount Holder
More results

Similar Description - PL520B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PL520 OSRAM-PL520 Datasheet
307Kb / 9P
Green Laser Diode in TO38 ICut Package
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PL450B OSRAM-PL450B Datasheet
413Kb / 9P
Blue Laser Diode in TO38 ICut Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-510 OSRAM-PLT5-510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
PL-450B OSRAM-PL-450B Datasheet
413Kb / 9P
Blue Laser Diode in TO38 ICut Package
PL-520 OSRAM-PL-520 Datasheet
316Kb / 8P
Green Laser Diode in TO38 ICut Package
logo
ams AG
PLT5510 AMSCO-PLT5510 Datasheet
1Mb / 17P
Green Laser Diode in TO56 Package
Version 1.7 2021-06-23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com