Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL520B Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PL520B
Description  Green Laser Diode in TO38 ICut Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520B Datasheet(HTML) 4 Page - OSRAM GmbH

  PL520B Datasheet HTML 1Page - OSRAM GmbH PL520B Datasheet HTML 2Page - OSRAM GmbH PL520B Datasheet HTML 3Page - OSRAM GmbH PL520B Datasheet HTML 4Page - OSRAM GmbH PL520B Datasheet HTML 5Page - OSRAM GmbH PL520B Datasheet HTML 6Page - OSRAM GmbH PL520B Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
16.11.2015
4
DRAFT - This design is for Reference only. Subject to change
without notice.
Version 0.2
PL 520B
Beam Divergence
Popt = ƒ (θ), Tcase = 25 °C
Maximum recommended operating current
IF = ƒ (Tcase)
-40
-20
0
20
40
0.0
0.2
0.4
0.6
0.8
1.0
||
⊥
[deg]
20
30
40
50
60
210
220
230
240
T
case
[°C]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com