Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL520B Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PL520B
Description  Green Laser Diode in TO38 ICut Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL520B Datasheet(HTML) 2 Page - OSRAM GmbH

  PL520B Datasheet HTML 1Page - OSRAM GmbH PL520B Datasheet HTML 2Page - OSRAM GmbH PL520B Datasheet HTML 3Page - OSRAM GmbH PL520B Datasheet HTML 4Page - OSRAM GmbH PL520B Datasheet HTML 5Page - OSRAM GmbH PL520B Datasheet HTML 6Page - OSRAM GmbH PL520B Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
16.11.2015
2
DRAFT - This design is for Reference only. Subject to change
without notice.
Version 0.2
PL 520B
Ordering Information
Maximum Ratings
Operation outside these conditions may damage the device. Operation at maximum ratings may influence
lifetime.
Laser Characteristics (Tcase = 25 °C)
Type:
Optical Output Power
Ordering Code
Popt (Tcase= 25°C)
PL 520B
80 mW
Q65111A7290
Parameter
Symbol
Values
Unit
min.
max.
Operating Current
IF
300
mA
Operating Temperature
Tcase
-20
+60
°C
Storage Temperature
Tstg
-40
+85
°C
Reverse Voltage
VR
2V
Soldering Temperature max. 10 sec.
Tsolder
260
°C
Junction temperature
Tj
120
°C
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission Wavelength 1)
1) Standard operating conditions refer to a continuous wave output power of P
opt = 80 mW.
λpeak
515
520
530
nm
Spectral Width (FWHM) 1)
Δλ
–2–
nm
Threshold Current
Ith
–40
70
mA
Operating Current 1)
IF
–
200
240
mA
Operating Voltage 1)
VF
–6.4
8.0
V
Beam Divergence (FWHM) 1)
θ∥ x
θ⊥
5.0 x
18.0
6.3 x
22.5
7.5 x
25.0
deg
Polarization 1)
Pgr
–
100:1
–
Modulation Frequency
f
–
>100
–
MHz
Thermal resistance (junction to case)
Rth
–38–
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com