Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL90_3 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SPLLL90_3
Description  Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLL90_3 Datasheet(HTML) 7 Page - OSRAM GmbH

  SPLLL90_3_17 Datasheet HTML 1Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 2Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 3Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 4Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 5Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 6Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 7Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Version 1.2
SPL LL90_3
2017-05-24
7
Glossary
1) Junction temperature: Limited due to plastic package, not due to laser chip.
2) Standard operating conditions: > 50 ns pulse width, 1 kHz pulse repetition rate, 18.5 V charge voltage, 15 V
gate voltage and 25 °C ambient temperature. The laser is driven by the MOSFET driver Elantec EL7104C.
3) Switching speed: Switching speed at gate depends on current and speed, charging the gate capacitance (typ.
300 pF) of the internal transistor. Reduced pulse widths, rise and fall times occur at trigger pulse widths < 50 ns.
This also reduces the optical peak power.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com