Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL90_3 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLLL90_3
Description  Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLL90_3 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLLL90_3_17 Datasheet HTML 1Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 2Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 3Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 4Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 5Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 6Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 7Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2017-05-24
1
2017-05-24
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
Version 1.2
SPL LL90_3
Ordering Information
Features:
•
Low cost, small size plastic package
•
Integrated FET and capacitors for pulse control
•
Strained InAIGaAs/GaAs QW-structures
•
High power large-optical-cavity laser structure
•
Nanostack laser technology including multiple epitaxially stacked emitters
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
•
High-speed operation (< 30 ns pulse width)
•
Low supply voltage (< 20 V)
Applications
•
Range finding
•
Security, surveillance
•
Illumination, ignition
•
Testing and measurement
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 "Safety of laser products".
Type:
Number of
emitters
Peak wavelength
Peak output
power
Ordering Code
λpeak
Popt
SPL LL90_3
3
905
70
Q65110A1009


Similar Part No. - SPLLL90_3_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLL90 OSRAM-SPLLL90_3 Datasheet
251Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
More results

Similar Description - SPLLL90_3_17

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLL90 OSRAM-SPLLL90 Datasheet
243Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 25 W Peak Power
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLLL90 OSRAM-SPLLL90_3 Datasheet
251Kb / 7P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-LL90-3 OSRAM-SPL-LL90-3 Datasheet
196Kb / 8P
Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
Pulsed Laser Diode in Plastic Package 25 W Peak Power
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com