Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLLL90_3 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLLL90_3
Description  Hybrid Pulsed Laser Diode with Integrated Driver Stage 70 W Peak Power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLLL90_3 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLLL90_3_17 Datasheet HTML 1Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 2Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 3Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 4Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 5Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 6Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 7Page - OSRAM GmbH SPLLL90_3_17 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Version 1.2
SPL LL90_3
2017-05-24
3
Optical Output Power vs. Charge Voltage
Popt = f(VC), tp = 30 ns
Relative Spectral Emission
Irel = f(λ), Popt = 70 W, tp = 30 ns
Far-Field Distribution Parallel to pn-Junction
Irel = f(ΘII), Popt = 70 W, tp = 30 ns
Far-Field Distribution Perpendicular to
pn-Junction
Irel = f(Θ ⊥ ), Popt = 70 W, tp = 30 ns
0
0
V
Popt
OHL01909
C
5
10
15
20
25
10
20
30
40
50
60
70
80
90
V
W
1 kHz
25 kHz
860
0
OHL01910
rel
I
λ
880
900
920 nm 940
25
50
75
100
-40
0
OHL01906
rel
I
θ
-30 -20 -10
0
10 20 Deg 40
0.25
0.50
0.75
1.00
-40
0
OHL01907
rel
I
θ
-30 -20 -10
0
10 20 Deg 40
0.25
0.50
0.75
1.00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com