Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG1 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CCG1
Description  USB Type-C Port Controller with Power Delivery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG1 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CCG1 Datasheet HTML 9Page - Cypress Semiconductor CCG1 Datasheet HTML 10Page - Cypress Semiconductor CCG1 Datasheet HTML 11Page - Cypress Semiconductor CCG1 Datasheet HTML 12Page - Cypress Semiconductor CCG1 Datasheet HTML 13Page - Cypress Semiconductor CCG1 Datasheet HTML 14Page - Cypress Semiconductor CCG1 Datasheet HTML 15Page - Cypress Semiconductor CCG1 Datasheet HTML 16Page - Cypress Semiconductor CCG1 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Document Number: 001-93639 Rev. *K
Page 13 of 31
CCG1 Datasheet
I/O
Table 7. AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID48
FCPU
CPU frequency
DC
–
48.00
MHz
3.2
VDD 5.5
SID49
TSLEEP
Wakeup from sleep mode
–
0.00
–
µs
Guaranteed by
characterization
SID50
TDEEPSLEEP
Wakeup from Deep Sleep mode
–
–
25.00
µs
24-MHz IMO.
Guaranteed by
characterization
SID52
TRESETWIDTH External reset pulse width
1.00
–
–
µs
Guaranteed by
characterization
Note
12. VIH must not exceed VDDD + 0.2 V.
Table 8. I/O DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID57
VIH[12]
Input voltage high threshold
0.70 ×
VDDD
–
–
V
CMOS Input
SID58
VIL
Input voltage low threshold
–
–
0.30 ×
VDDD
V
CMOS Input
SID243 VIH[12]
LVTTL input
2.00
–
–
V
–
SID244 VIL
LVTTL input
–
–
0.80
V
–
SID59
VOH
Output voltage high level
VDDD
–0.60
––
V
IOH = 4mA at 3V VDDD
SID62
VOL
Output voltage low level
–
–
0.60
V
IOL = 8mA at 3V VDDD
SID62A VOL
Output voltage low level
–
–
0.40
V
IOL = 3mA at 3V VDDD
SID63
RPULLUP
Pull-up resistor
3.50
5.60
8.50
kΩ
–
SID64
RPULLDOWN
Pull-down resistor
3.50
5.60
8.50
kΩ
–
SID65
IIL
Input leakage current (absolute value)
–
–
2.00
nA
25 °C, VDDD = 3.0 V
SID65A IIL_CTBM
Input leakage current (absolute value)
for analog pins
–
–
4.00
nA
–
SID66
CIN
Input capacitance
–
–
7.00
pF
–
SID67
VHYSTTL
Input hysteresis LVTTL
15.00
40.00
–
mV
VDDD  2.7 V.
Guaranteed by charac-
terization
SID68
VHYSCMOS
Input hysteresis CMOS
200.00
–
–
mV
VDDD  4.5 V.
Guaranteed by charac-
terization
SID69
IDIODE
Current through protection diode to
VDD/VSS
–
–
100.00
μA
Guaranteed by charac-
terization
SID69A ITOT_GPIO
Maximum Total Source or Sink Chip
Current
–
–
200.00
mA
Guaranteed by charac-
terization
Table 9. I/O AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID70
TRISEF
Rise time
2.00
–
12.00
ns
3.3-V VDDD, Cload = 25 pF
SID71
TFALLF
Fall time
2.00
–
12.00
ns
3.3-V VDDD, Cload = 25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com