Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG1 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CCG1
Description  USB Type-C Port Controller with Power Delivery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG1 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CCG1 Datasheet HTML 17Page - Cypress Semiconductor CCG1 Datasheet HTML 18Page - Cypress Semiconductor CCG1 Datasheet HTML 19Page - Cypress Semiconductor CCG1 Datasheet HTML 20Page - Cypress Semiconductor CCG1 Datasheet HTML 21Page - Cypress Semiconductor CCG1 Datasheet HTML 22Page - Cypress Semiconductor CCG1 Datasheet HTML 23Page - Cypress Semiconductor CCG1 Datasheet HTML 24Page - Cypress Semiconductor CCG1 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Document Number: 001-93639 Rev. *K
Page 21 of 31
CCG1 Datasheet
Figure 10. Notebook (DFP) Application Diagram
CYPD1134 -40LQXI
40QFN
22k
 1%
PFET
CC1
CC2
CC1_RP_1.5
CC2_VCONN_CTRL
0.02
 1%
I2C_SCL
CC1
CC2
1uF
Type C
Receptacle
HS/SS/
DP/SBU
Lines
CC1_CTRL
20
10k
 1%
SWD_IO
287
 1%
80.6
 1%
2.2nF
CC2_CTRL
I2C_SDA
19
12
SWD_CLK
13
MUXSEL_3
MUXSEL_1
5
1
MUXSEL_2
2
31
32
33
10
3
26
4
15
11
27
37
28
CS_P
7
CS_M
8
34
9
3.9k
 1%
35 36
VBUS
XRES
30
0.1uF
I2C_INT
18
100k
 1%
10k
 1%
Current Monitor
+ Comparator
iFAULT
From
System
MUXSEL_4
6
Embedded
Controller
HS/SS/DP
Mux
HS
SS/DP0/1
DP2/3
AUX+/-
MUXSEL_x
5V
NFET
D
S
G
D
G
S
G
S
PFET
D
5 Volts
0.2
 1%
CS_P
CS_M
39
21.5k
 1%
3.42k
 1%
5 Volts
VDDD = 5V
NFET
100
 1% 1W
VBUS_DISCHARGE
D
S
G
D
S
G
PFET
10k
 1%
287
 1%
80.6
 1%
2.2nF
D
S
G
D
G
S
VDDD
390pF
MUXSEL_5
40
HOTPLUG_DET
38
iFAULT
29
DisplayPort
Chipset
HPD
DP0/1/2/3
AUX+/-
HPD
USB
Chipset
HS
SS
iFAULT
CS_P
CS_M
1uF
0.1uF
NFET
D
G
S
VDDD
390pF
NFET
50k
5%
CC1_RP_DEF
10k
 1%
56k
 1%
CC1_RP_3.0 14
22k
 1%
CC2_RP_1.5
16
17
CC2_RP_DEF
10k
 1%
56k
 1%
CC2_RP_3.0
21
VBUS_DISCHARGE
25
23
CC2_LPRX
24
CC1_LPRX
22
Select
NFET
with Vth
> 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com