Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG1 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CCG1
Description  USB Type-C Port Controller with Power Delivery
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG1 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CCG1 Datasheet HTML 16Page - Cypress Semiconductor CCG1 Datasheet HTML 17Page - Cypress Semiconductor CCG1 Datasheet HTML 18Page - Cypress Semiconductor CCG1 Datasheet HTML 19Page - Cypress Semiconductor CCG1 Datasheet HTML 20Page - Cypress Semiconductor CCG1 Datasheet HTML 21Page - Cypress Semiconductor CCG1 Datasheet HTML 22Page - Cypress Semiconductor CCG1 Datasheet HTML 23Page - Cypress Semiconductor CCG1 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Document Number: 001-93639 Rev. *K
Page 20 of 31
CCG1 Datasheet
Figure 9. Notebook (DRP) Application Diagram
CYPD1122 -40LQXI
40QFN
Rp
Rd
NFET
PFET
CC1
CC2
CC1_RP
CC1_RD
CC2_RP
CC2_RD
CC2_VCONN_CTRL
I2C_SCL
CC1
CC2
1uF
Type C
Receptacle
HS/SS/
DP/SBU
Lines
CC1_CTRL
20
10k
 1%
5.1k
10%
SWD_IO
287
 1%
80.6
 1%
2.2nF
CC2_CTRL
1M
, 5%
I2C_SDA
19
12
SWD_CLK
13
MUXSEL_3
MUXSEL_1
5
1
MUXSEL_2
2
31
32
33
10
3
26
4
22
23
24
40
29
27
28
CS_P
7
GPIO2
16
CS_M
8
VBUS_DISCHARGE
25
34
9
10k
 1%
3.9k
 1%
35 36
VBUS
XRES
30
0.1uF
I2C_INT
18
38
100k
 1%
10k
 1%
To System
From
System
MUXSEL_4
6
Embedded
Controller
HS/SS/DP
Mux
HS
SS/DP0/1
DP2/3
AUX+/-
MUXSEL_x
5V
D
G
S
G
S
PFET
D
NFET
D
S
G
D
G
S
G
S
PFET
D
D
S
G
5 Volts
0.2
 1%
CS_P
CS_M
39
21.5k
 1%
5 Volts
D
G
S
VDDD = 5V
VDDD
NFET
100
 1% 1W
VBUS_DISCHARGE
D
S
G
D
S
G
PFET
10k
 1%
287
 1%
80.6
 1%
2.2nF
D
S
G
Rp
10k
1%
Rd
1M
, 5%
D
G
S
VDDD
5.1k
10%
S
D
G
S
D
G
NFET
330pF
HOTPLUG_DET
14
GPIO1
15
GPIO3
17
DisplayPort
Chipset
HPD
DP0/1/2/3
AUX+/-
HPD
USB
Chipset
HS
SS
VBUS_DISCHARGE
CS_P
CS_M
1uF
0.1uF
NFET
NFET
D
G
S
VDDD
330pF
NFET
D
G
S
VDDD
NFET
50k
5%
50k
5%
37
11
21
4.1k
1%
3.16k
1%
2.32k
1%
Select
NFET
with Vth
> 1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com