Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG4 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CCG4 Datasheet HTML 1Page - Cypress Semiconductor CCG4 Datasheet HTML 2Page - Cypress Semiconductor CCG4 Datasheet HTML 3Page - Cypress Semiconductor CCG4 Datasheet HTML 4Page - Cypress Semiconductor CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 2 of 35
EZ-PD™ CCG4
Logic Block Diagram
1. Timer, counter, pulse width modulation block
2. Serial communication block configurable as UART, SPI, or I
2C
3. Termination resistor denoting a UFP
4. Current Sources to indicate a DFP
5. Configuration Channel
6. General purpose input/output
Flash
(128KB)
SRAM
(8KB)
CCG4: Single-Chip Type-C Controller
CORTEX-M0
48 MHz
Integrated Digital Blocks
I/O Subsystem
MCU Subsystem
CC_PORT15
GPIOs6
2x VCONN
FETs
(PORT1)
4 x SCB2
(I2C, SPI, UART)
4 x TCPWM1
Serial Wire Debug
2 x Baseband MAC
2 x Baseband PHY
Integrated R
d
3 and R
p
4
Profiles and
Configurations
CC_PORT25
2x V
CONN
FETs
(PORT2)
4 x 8-bit SAR ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com