Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG4 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 16Page - Cypress Semiconductor CCG4 Datasheet HTML 17Page - Cypress Semiconductor CCG4 Datasheet HTML 18Page - Cypress Semiconductor CCG4 Datasheet HTML 19Page - Cypress Semiconductor CCG4 Datasheet HTML 20Page - Cypress Semiconductor CCG4 Datasheet HTML 21Page - Cypress Semiconductor CCG4 Datasheet HTML 22Page - Cypress Semiconductor CCG4 Datasheet HTML 23Page - Cypress Semiconductor CCG4 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 20 of 35
EZ-PD™ CCG4
Device-Level Specifications
All specifications are valid for –40 °C
 TA  85 °C and TJ  100 °C, except where noted. Specifications are valid for 3.0 V to 5.5 V,
except where noted.
Table 9. DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.PWR#1
VDDD
Power supply input voltage
2.7
–
5.5
V
UFP applications
SID.PWR#1_A
VDDD
Power supply input voltage
3.15
–
5.5
V
DFP/DRP applications
SID.PWR#26
V5V_P1,
V5V_P2
Power supply input voltage
4.85
–
5.5
V
–
PWR#13
VDDIO
GPIO power supply
1.71
–
5.5
V
–
SID.PWR#24
VCCD
Output voltage (for core logic)
–
1.8
–
V
–
SID.PWR#15
CEFC
External regulator voltage bypass
on VCCD
80
100
120
nF
X5R ceramic or better
SID.PWR#16
CEXC
Power supply decoupling capacitor
on VDDD
0.8
1
–
µF
X5R ceramic or better
SID.PWR#27
CEXV
Power supply decoupling capacitor
on V5V_P1 and V5V_P2
–0.1
–
µF
X5R ceramic or better
Active Mode, VDDD = 2.7 to 5.5 V. Typical values measured at VDD = 3.3 V.
SID.PWR#4
IDD12
Supply current
–
10
–
mA
V5V_P1 and V5V_P2 = 5 V,
TA = 25 °C,
CC I/O IN Transmit or Receive,
no I/O sourcing current, CPU at
24 MHz, two PD ports active
Sleep Mode, VDDD = 2.7 to 5.5 V
SID25A
IDD20A
I2C wakeup
WDT ON
IMO at 48 MHz
–2.5
4.0
mA
VDDD = 3.3 V, TA = 25 °C, all
blocks except CPU are ON, CC
I/O ON, no I/O sourcing current
Deep Sleep Mode, VDDD = 2.7 to 3.6 V (Regulator on)
SID34
IDD29
VDDD = 2.7 to 3.6 V
I2C wakeup and WDT ON
–80
–
µAVDDD = 3.3 V, TA = 25 °C
SID_DS
IDD_DS
VDDD = 2.7 to 3.6 V
CC wakeup ON
–2.5
–
µA
Power source = VDDD, Type-C
not attached, CC enabled for
wakeup, RP disabled
SID_DS1
IDD_DS1
VDDD = 2.7 to 3.6 V
CC wakeup ON
–100
–
µA
Power source = VDDD, Type-C
not attached, CC enabled for
wakeup, RP and RD connected
at 70 ms intervals by CPU. RP,
RD connection should be
enabled for both PD ports.
XRES Current
SID307
IDD_XR
Supply current while XRES
asserted
–
1
10
µA–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com