Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCG4 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 17Page - Cypress Semiconductor CCG4 Datasheet HTML 18Page - Cypress Semiconductor CCG4 Datasheet HTML 19Page - Cypress Semiconductor CCG4 Datasheet HTML 20Page - Cypress Semiconductor CCG4 Datasheet HTML 21Page - Cypress Semiconductor CCG4 Datasheet HTML 22Page - Cypress Semiconductor CCG4 Datasheet HTML 23Page - Cypress Semiconductor CCG4 Datasheet HTML 24Page - Cypress Semiconductor CCG4 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 21 of 35
EZ-PD™ CCG4
Table 10. AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.CLK#4
FCPU
CPU frequency
DC
–
48
MHz
3.0 V
VDDD 5.5 V
SID.PWR#20
TSLEEP
Wakeup from sleep mode
–
0
–
µs
Guaranteed by
characterization
SID.PWR#21
TDEEPSLEEP Wakeup from Deep Sleep mode
–
–
35
µs
24-MHz IMO. Guaranteed by
characterization.
SID.XRES#5
TXRES
External reset pulse width
5
–
–
µs
Guaranteed by
characterization
SYS.FES#1
T_PWR_RDY Power-up to “Ready to accept
I2C / CC command”
–
5
25
ms
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com