Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C52LP Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 45Page - Cypress Semiconductor CY8C52LP Datasheet HTML 46Page - Cypress Semiconductor CY8C52LP Datasheet HTML 47Page - Cypress Semiconductor CY8C52LP Datasheet HTML 48Page - Cypress Semiconductor CY8C52LP Datasheet HTML 49Page - Cypress Semiconductor CY8C52LP Datasheet HTML 50Page - Cypress Semiconductor CY8C52LP Datasheet HTML 51Page - Cypress Semiconductor CY8C52LP Datasheet HTML 52Page - Cypress Semiconductor CY8C52LP Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 49 of 114
8. Analog Subsystem
The analog programmable system creates application specific
combinations of both standard and advanced analog signal
processing blocks. These blocks are then interconnected to
each other and also to any pin on the device, providing a high
level of design flexibility and IP security. The features of the
analog subsystem are outlined here to provide an overview of
capabilities and architecture.
Flexible, configurable analog routing architecture provided by
analog globals, analog mux bus, and analog local buses
Successive approximation (SAR) ADC
One 8-bit DAC that provides either voltage or current output
Two comparators with optional connection to configurable LUT
outputs
CapSense subsystem to enable capacitive touch sensing
Precision reference for generating an accurate analog voltage
for internal analog blocks
Figure 8-1. Analog Subsystem Block Diagram
Analog
Interface
CMP
CMP
CapSense Subsystem
DSI
Array
Clock
Distribution
Decimator
Config &
Status
Registers
PHUB
CPU
Comparators
GPIO
Port
GPIO
Port
DAC
A
N
A
L
O
G
R
O
U
T
I
N
G
A
N
A
L
O
G
R
O
U
T
I
N
G
SAR
ADC
Precision
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com