Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C52LP Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # CY8C52LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52LP Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button CY8C52LP Datasheet HTML 55Page - Cypress Semiconductor CY8C52LP Datasheet HTML 56Page - Cypress Semiconductor CY8C52LP Datasheet HTML 57Page - Cypress Semiconductor CY8C52LP Datasheet HTML 58Page - Cypress Semiconductor CY8C52LP Datasheet HTML 59Page - Cypress Semiconductor CY8C52LP Datasheet HTML 60Page - Cypress Semiconductor CY8C52LP Datasheet HTML 61Page - Cypress Semiconductor CY8C52LP Datasheet HTML 62Page - Cypress Semiconductor CY8C52LP Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 114 page
background image
PSoC® 5LP: CY8C52LP Family
Datasheet
Document Number: 001-84933 Rev. *L
Page 59 of 114
Cypress is willing to work with the customer who is concerned
about the integrity of their code. Code protection is constantly
evolving. We at Cypress are committed to continuously
improving the code protection features of our products.
9.8 CSP Package Bootloader
A factory-installed bootloader program is included in all devices
with CSP packages. The bootloader is compatible with PSoC
Creator 3.0 bootloadable project files, and has the following
features:
I2C-based
SCLK and SDAT available at P1[6] and P1[7], respectively
External pull-up resistors required
I2C slave, address 4, data rate = 100 kbps
Single application
Wait 2 seconds for bootload command
Other bootloader options are as set by the PSoC Creator 3.0
Bootloader Component default
Occupies the bottom 9 Kbytes of flash
For more information on this bootloader, see the following
Cypress application notes:
AN73854, PSoC 3 and PSoC 5 LP Introduction to Bootloaders
AN60317, PSoC 3 and PSoC 5 LP I2C Bootloader
Note that a PSoC Creator bootloadable project must be
associated with .hex and .elf files for a bootloader project that is
configured for the target device. Bootloader .hex and .elf files
can be found at www.cypress.com/go/PSoC5LPdatasheet.
The factory-installed bootloader can be overwritten using JTAG
or SWD programming.
10. Development Support
The CY8C52LP family has a rich set of documentation,
development tools, and online resources to assist you during
your development process. Visit
psoc.cypress.com/getting-started to find out more.
10.1 Documentation
A suite of documentation, to ensure that you can find answers to
your questions quickly, supports the CY8C52LP family. This
section contains a list of some of the key documents.
Software User Guide
: A step-by-step guide for using PSoC
Creator. The software user guide shows you how the PSoC
Creator build process works in detail, how to use source control
with PSoC Creator, and much more.
Component Datasheets
: The flexibility of PSoC allows the
creation of new peripherals (components) long after the device
has gone into production. Component datasheets provide all of
the information needed to select and use a particular component,
including a functional description, API documentation, example
code, and AC/DC specifications.
Application Notes
: PSoC application notes discuss a particular
application of PSoC in depth; examples include brushless DC
motor control and on-chip filtering. Application notes often
include example projects in addition to the application note
document.
Technical Reference Manual
: PSoC Creator makes designing
with PSoC as easy as dragging a peripheral onto a schematic,
but, when low level details of the PSoC device are required, use
the technical reference manual (TRM) as your guide.
Note
Visit www.arm.com for detailed documentation about the
Cortex-M3 CPU.
10.2 Online
In addition to print documentation, the Cypress PSoC forums
connect you with fellow PSoC users and experts in PSoC from
around the world, 24 hours a day, 7 days a week.
10.3 Tools
With industry standard cores, programming, and debugging
interfaces, the CY8C52LP family is part of a development tool
ecosystem. Visit us at www.cypress.com/go/psoccreator for the
latest information on the revolutionary, easy to use PSoC Creator
IDE, supported third party compilers, programmers, debuggers,
and development kits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com