Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB306X Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 9Page - Cypress Semiconductor CYUSB306X Datasheet HTML 10Page - Cypress Semiconductor CYUSB306X Datasheet HTML 11Page - Cypress Semiconductor CYUSB306X Datasheet HTML 12Page - Cypress Semiconductor CYUSB306X Datasheet HTML 13Page - Cypress Semiconductor CYUSB306X Datasheet HTML 14Page - Cypress Semiconductor CYUSB306X Datasheet HTML 15Page - Cypress Semiconductor CYUSB306X Datasheet HTML 16Page - Cypress Semiconductor CYUSB306X Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 13 of 37
Configuration Options
Configuration options are available for specific usage models.
Contact Cypress Marketing (usb3@cypress.com) for details.
Digital I/Os
CX3 has internal firmware-controlled pull-up or pull-down
resistors on all digital I/O pins. An internal 50-k
 resistor pulls
the pins high, while an internal 10-k
 resistor pulls the pins low
to prevent them from floating. The I/O pins may have the
following states:
■ Tristated (High-Z)
■ Weak pull-up (via internal 50 k)
■ Pull-down (via internal 10 k)
■ Hold (I/O hold its value) when in low-power modes
■ The JTAG TDI, TMC, and TRST# signals have fixed 50-k
internal pull-ups, and the TCK signal has a fixed 10-k
pull-down resistor.
All unused I/Os should be pulled high by using the internal
pull-up resistors. All unused outputs should be left floating. All
I/Os can be driven at full-strength, three-quarter strength,
half-strength, or quarter-strength. These drive strengths are
configured separately for each interface.
GPIOs
CX3 provides 12 pins for general purpose I/O (for example, can
be used for lighting, sync-in, sync-out and so on). See Pin
Configuration on page 14 for pinout details.
All GPIO pins support an external load of up to 16 pF for every
pin.
EMI
CX3 can meet EMI requirements outlined by FCC 15B (USA)
and EN55022 (Europe) for consumer electronics at system level.
CX3 can tolerate reasonable EMI, conducted by the aggressor,
outlined by these specifications and continue to function as
expected.
System-level ESD
CX3 has built-in ESD protection on the D+, D–, and GND pins
on the USB interface. The ESD protection levels provided on
these ports are:
■ ±2.2-kV human body model (HBM) based on JESD22-A114
specification
■ ±6-kV contact discharge and ±8-kV air gap discharge based
on IEC61000-4-2 level 3A using external system-level
protection devices
■ ± 8-kV contact discharge and ±15-kV air gap discharge based
on IEC61000-4-2 level 4C using external system-level
protection devices
This protection ensures that the device continues to function
after ESD events up to the levels stated in this section.
The SSRX+, SSRX–, SSTX+, and SSTX– pins only have up to
±2.2-kV HBM internal ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com