Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB306X Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 13Page - Cypress Semiconductor CYUSB306X Datasheet HTML 14Page - Cypress Semiconductor CYUSB306X Datasheet HTML 15Page - Cypress Semiconductor CYUSB306X Datasheet HTML 16Page - Cypress Semiconductor CYUSB306X Datasheet HTML 17Page - Cypress Semiconductor CYUSB306X Datasheet HTML 18Page - Cypress Semiconductor CYUSB306X Datasheet HTML 19Page - Cypress Semiconductor CYUSB306X Datasheet HTML 20Page - Cypress Semiconductor CYUSB306X Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 17 of 37
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device.
Storage temperature ......................... ...... –65 °C to +150 °C
Supply voltage to ground potential
VDD, AVDDQ ................................................................. 1.25 V
VDDIO1, VDDIO2, VDDIO3 ............................................. ...3.6 V
U3TXVDDQ, U3RXVDDQ ......................................... .....1.25 V
DC input voltage to any input pin ...........................VCC + 0.3
DC voltage applied to
outputs in high Z state
(VCC is the corresponding I/O voltage) ..................VCC + 0.3
Maximum latch-up current ........................................ 140 mA
Maximum output short-circuit current
for all I/O configurations. (VOUT = 0 V) .................. –100 mA
Operating Conditions
TA (ambient temperature under bias)
Industrial ................................................... –40 °C to +85 °C
VDD, AVDDQ, U3TXVDDQ, U3RXVDDQ
Supply voltage .............................................1.15 V to 1.25 V
VUSB supply voltage ..............................................4 V to 6 V
VDDIO1, VDDIO2, VDDIO3, CVDDQ
Supply voltage .................................................1.7 V to 3.6 V
DC Specifications
Parameter
Description
Min
Max
Units
Notes
VDD
Core voltage supply
1.15
1.25
V
1.2-V typical
AVDD
Analog voltage supply
1.15
1.25
V
1.2-V typical
VDD_MIPI
MIPI bridge D-PHY supply
voltage
1.15
1.25
V
1.2-V typical
VDDIO1
I2C, JTAG and GPIO power
domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VDDIO2
UART/I2S power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VDDIO3
SPI/I2S power supply domain
1.7
3.6
V
1.8-, 2.5-, and 3.3-V typical
VUSB
USB voltage supply
4
6
V
5-V typical
U3TXVDDQ
USB 3.0 1.2-V supply
1.15
1.25
V
1.2-V typical. A 22-µF bypass
capacitor is required on this power
supply.
U3RXVDDQ
USB 3.0 1.2-V supply
1.15
1.25
V
1.2-V typical. A 22-µF bypass
capacitor is required on this power
supply.
CVDDQ
Clock voltage supply
1.7
3.6
V
1.8-, 3.3-V typical
VIH1
Input HIGH voltage 1
0.625 × VCC
VCC + 0.3
V
For 2.0 V
 VCC  3.6 V (except USB
and MIPI CSI-2 pins).VCC is the
corresponding I/O voltage supply.
VIH2
Input HIGH voltage 2
VCC – 0.4
VCC + 0.3
V
For 1.7 V
 VCC 2.0 V
(except USB USB and MIPI CSI-2
pins).VCC is the corresponding I/O
voltage supply.
VIL
Input LOW voltage
–0.3
0.25 × VCC
V
VCC is the corresponding I/O
voltage supply.
VOH
Output HIGH voltage
0.9 × VCC
–V
IOH (max) = –100 µA tested at
quarter drive strength. VCC is the
corresponding I/O voltage supply.
VOL
Output LOW voltage
–
0.1 × VCC
V
IOL(min) = +100 µA tested at quarter
drive strength. VCC is the
corresponding I/O voltage supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com