Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB306X Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # CYUSB306X
Description  EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB306X Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button CYUSB306X Datasheet HTML 16Page - Cypress Semiconductor CYUSB306X Datasheet HTML 17Page - Cypress Semiconductor CYUSB306X Datasheet HTML 18Page - Cypress Semiconductor CYUSB306X Datasheet HTML 19Page - Cypress Semiconductor CYUSB306X Datasheet HTML 20Page - Cypress Semiconductor CYUSB306X Datasheet HTML 21Page - Cypress Semiconductor CYUSB306X Datasheet HTML 22Page - Cypress Semiconductor CYUSB306X Datasheet HTML 23Page - Cypress Semiconductor CYUSB306X Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
CYUSB306X
Document Number: 001-87516 Rev. *L
Page 20 of 37
MIPI CSI Signal Low Power AC Characteristics
Figure 7. MIPI CSI bus Input Glitch Rejection
AC Specifications
2*TLPX
2*TLPX
eSPIKE
eSPIKE
TMIN-RX
TMIN-RX
VIH
VIL
Input
Output
Table 9. MIPI CSI Signal Low Power AC Characteristics
Parameter
Description
Min
Max
Units
Notes
eSPIKE
Input noise rejection
–
300
V.ps
Time-voltage integration of a spike above VIL
when being in LP-0 or below VIH when being in
LP-1 state.
An impulse less than this will not change the
receiver state.
TMIN-RX
Minimum pulse width response
20
–
ns
An input pulse greater than this shall toggle the
output.
VINT
peak interference amplitude
–
200
mV
–
FINT
Interference frequency
450
–
MHz
–
TLPX
Length of any low power state
period
50
–
ns
–
Table 10. AC Specifications
Parameter
Description
Min
Max
Units
Details / Conditions
∆VCMRX(HF)
Common-mode interference
beyond 450 MHz
–
100
mV
∆
VCMRX(HF) is the peak amp. Of a sine wave
superimposed on the receiver inputs.
∆VCMRX(LF)
Common-mode interference
beyond 50 - 450 MHz
-50
50
mV
Excluding static ground shift of 50 mV.
Voltage difference compared to the DC average
common-mode potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com