Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP339UG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP339UG
Description  THERMOPILE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP339UG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP339UG Datasheet HTML 1Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 2Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 3Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 4Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 5Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 6Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 7Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 8Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
THERMOPILE
Part No:
80-01-00008
Type:
TP339UG
Microelectronics Business Division
2003.01
2 / 16
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
▓
Electrical Characteristics
Parameter
Condition
Min.
Typ.
Max.
Unit
Thermopile
Output Voltage
Tambient=25C
Tblack-body=37C
630
900
1170
uV
Number of thermojunctions
---
116
---
Chip size
---
1740*1740
---
μ
m
2
Active region size
High efficiency
absorber layer
---
900*900
---
μ
m
Thickness of substrate
Silicon-substrate
600
625
650
μ
m
Resistance of thermopile
25℃
50
60
80
KΩ
Temperature Coefficient of
Thermopile Resistance
<0.1 %/
oC
*Sensitivity *
With 5-14μm
filter
30
37
45
V/W
Detecctivity
0.8*10
8
1.1*10
8
1.3*10
8
cm*Hz
1/2/W
Time constant
---
20
---
ms
Noise voltage
28
32
36
nV/Hz
1/2
NEP
0.71
0.86
1.07
nW/Hz
1/2
Filter Range
Cut on
5+/-0.5um
Field of View
Incident Angle to
achieve 10%
responsivity
72
Degree
Sealing
<1*10
-7
Atm*cc/sec
Temperature range
Operation
-20
---
100
℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com