Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP339UG Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TP339UG
Description  THERMOPILE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP339UG Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TP339UG Datasheet HTML 8Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 9Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 10Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 11Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 12Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 13Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 14Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 15Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
THERMOPILE
Part No:
80-01-00008
Type:
TP339UG
Microelectronics Business Division
2003.01
13 / 16
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
▓
Field of view
▓
Transmission of filter
Transmission of optical filter is measured by FTIR from 2μm
Cut on wavelength : 5.0 +/-0.5um
Band range and minimum average transmission : 7~14um , 78%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com