Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP339UG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TP339UG
Description  THERMOPILE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TP339UG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TP339UG Datasheet HTML 1Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 2Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 3Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 4Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 5Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 6Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 7Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 8Page - List of Unclassifed Manufacturers TP339UG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
THERMOPILE
Part No:
80-01-00008
Type:
TP339UG
Microelectronics Business Division
2003.01
5 / 16
OPTO TECH CORPORATION
Tel:
886-3-5638951
Fax: 886-3-5783696
http://www.opto.com.tw
Since 1983
OPTO TECH
▓
Thermistor vs. temperature
The resistance of the temperature reference resistor varies with temperature and the behaviour
is illustrated in the following table.
Ta(C)
min(k-ohms)
Typical(k-ohms)
Max(k-ohms)
-40
2958
3106
3259
-35
2157
2262
2369
-30
1590
1664
1740
-25
1183
1236
1291
-20
888.9
927.3
966.5
-15
673.8
701.9
730.4
-10
515.1
535.8
556.8
-5
397.1
412.4
427.9
0
308.4
319.9
331.5
5
241.4
250.1
258.8
10
190.3
196.9
203.5
15
151.0
156.1
161.1
20
120.7
124.5
128.4
25
97.0
100.0
103.0
30
78.29
80.80
83.31
35
63.56
65.66
67.78
40
51.89
53.67
55.45
45
42.60
44.10
45.61
50
35.15
36.43
37.71
55
29.16
30.24
31.34
60
24.30
25.23
26.17
At temperature 25℃, R(T)=R25e
β
−
25
T
1
T
1
describes the resistance vs. temperature, where R25 is
the resistance at ambient temperature 25℃ and T, T25 are the ambient temperatures in unit of kelvin
degrees.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com