Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AS-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC856AS-7
Description  65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856AS-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BC856AS-7 Datasheet HTML 1Page - Diodes Incorporated BC856AS-7 Datasheet HTML 2Page - Diodes Incorporated BC856AS-7 Datasheet HTML 3Page - Diodes Incorporated BC856AS-7 Datasheet HTML 4Page - Diodes Incorporated BC856AS-7 Datasheet HTML 5Page - Diodes Incorporated BC856AS-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BC856AS
Document number: DS30834 Rev. 9 - 2
1 of 6
www.diodes.com
September 2017
© Diodes Incorporated
BC856AS
© Diodes Incorporated
BC856AS
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT363
Features
BVCEO > -65V
IC = -100mA High Collector Current
Complementary NPN Types Available (BC846AS)
Ideally Suited for Automatic Insertion
For Switching and AF Amplifier Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Mechanical Data
Case: SOT363
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
 Matte Tin Finish. Solderable per MIL-STD-
202, Method 208
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
BC856AS-7
AEC-Q101
KPS
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2017
2018
2019
2020
2021
2022
2023
2024
Code
E
F
G
H
I
J
K
L
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
e3
Device Symbol
Top View
SOT363
Top View
Pin-Out
C2
E2
B2
C1
E1
B1
SOT363
KPS = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
SOT363
KPS YM


Similar Part No. - BC856AS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC856AS-7 DIODES-BC856AS-7 Datasheet
232Kb / 3P
DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30834 Rev. 7 - 2
More results

Similar Description - BC856AS-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
BC846BLP4 DIODES-BC846BLP4 Datasheet
164Kb / 6P
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 1
BC846BLP4 DIODES-BC846BLP4_15 Datasheet
151Kb / 7P
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 2
BC846AS DIODES-BC846AS_17 Datasheet
638Kb / 7P
65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
BC846ASQ DIODES-BC846ASQ Datasheet
548Kb / 7P
65V DUAL NPN SMALL SIGNAL TRANSISTOR
Rev 2
BC846BLP4 DIODES-BC846BLP4_17 Datasheet
407Kb / 7P
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com