Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AS-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC856AS-7
Description  65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856AS-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  BC856AS-7 Datasheet HTML 1Page - Diodes Incorporated BC856AS-7 Datasheet HTML 2Page - Diodes Incorporated BC856AS-7 Datasheet HTML 3Page - Diodes Incorporated BC856AS-7 Datasheet HTML 4Page - Diodes Incorporated BC856AS-7 Datasheet HTML 5Page - Diodes Incorporated BC856AS-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC856AS
Document number: DS30834 Rev. 9 - 2
3 of 6
www.diodes.com
September 2017
© Diodes Incorporated
BC856AS
© Diodes Incorporated
BC856AS
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
50
100
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
A
150
200
250
0
Fig. 1 Power Derating Curve (Note 2)
(°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com